Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT7 Datasheet(PDF) 102 Page - Texas Instruments

Part # TMS320DM647CUT7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT7 Datasheet(HTML) 102 Page - Texas Instruments

Back Button TMS320DM647CUT7 Datasheet HTML 98Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 99Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 100Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 101Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 102Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 103Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 104Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 105Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 190 page
background image
DDR_D00
DDR_D7
DDR_DQM0
DDR_DQS0
DDR_DQS0
DDR_D08
DDR_D15
DDR_DQM1
DDR_DQS1
DDR_DQS1
BED0
BED0
LDM
LDQS
LDQS
BED7
BED15
UDM
UDQS
UDQS
BA0
BA2
A0
A13
CS
CAS
RAS
WE
CKE
CK
CK
VREF
BED0
BED7
LDM
LDQS
LDQS
BED8
BED15
UDM
UDQS
UDQS
BA0
BA2
A0
A13
CS
CAS
RAS
WE
CKE
CK
CK
VREF
DDR_D16
DDR_D23
DDR_DQM2
DDR_DQS2
DDR_DQS2
DDR_D24
DDR_D31
DDR_DQM3
DDR_DQS3
DDR_DQS3
DDR_BA0
DDR_BA2
DDR_A00
DDR_A13
DDR_CS0
DDR_CAS
DDR_RAS
BSDWE
DDR_CKE
DDR_CLK
DDR_CLK
DDR_ODT1
ODT
DDR_VREF
1 kΩ 1%
Vio 1.8
(A)
DDR2
DDR2
DDR_DQGATE0
DDR_DQGATE1
DDR_DQGATE2
DDR_DQGATE3
VREF
Terminator, if desired. See terminator comments.
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
0.1 µF
VREF
VREF
0.1 µF
1 kΩ 1%
0.1 µF
(B)
0.1 µF
(B)
0.1 µF
(B)
DDR_ODT0
NC
NC
ODT
DM647/DM648
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
A.
DM648 is shown in this figure as an example of the device and represents the entire set of devices that include:
DM647/DM648.
B.
Vio 1.8 is the power supply for the DDR2 memory interface.
C.
One of these capacitors can be eliminated if the divider and its capacitors are placed near a device VREF pin.
Figure 6-11. 32-Bit DDR2 High-Level Schematic
102
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com