Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT7 Datasheet(PDF) 76 Page - Texas Instruments

Part # TMS320DM647CUT7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT7 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320DM647CUT7 Datasheet HTML 72Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 73Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 74Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 75Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 76Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 77Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 78Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 79Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-14. EDMA Channel Controller Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x02A0 04A8
Q2E10
Event Queue 2 Entry Register 10
0x02A0 04AC
Q2E11
Event Queue 2 Entry Register 11
0x02A0 04B0
Q2E12
Event Queue 2 Entry Register 12
0x02A0 04B4
Q2E13
Event Queue 2 Entry Register 13
0x02A0 04B8
Q2E14
Event Queue 2 Entry Register 14
0x02A0 04BC
Q2E15
Event Queue 2 Entry Register 15
0x02A0 04C0
Q3E0
Event Queue 3 Entry Register 0
0x02A0 04C4
Q3E1
Event Queue 3 Entry Register 1
0x02A0 04C8
Q3E2
Event Queue 3 Entry Register 2
0x02A0 04CC
Q3E3
Event Queue 3 Entry Register 3
0x02A0 04D0
Q3E4
Event Queue 3 Entry Register 4
0x02A0 04D4
Q3E5
Event Queue 3 Entry Register 5
0x02A0 04D8
Q3E6
Event Queue 3 Entry Register 6
0x02A0 04DC
Q3E7
Event Queue 3 Entry Register 7
0x02A0 04E0
Q3E8
Event Queue 3 Entry Register 8
0x02A0 04E4
Q3E9
Event Queue 3 Entry Register 9
0x02A0 04E8
Q3E10
Event Queue 3 Entry Register 10
0x02A0 04EC
Q3E11
Event Queue 3 Entry Register 11
0x02A0 04F0
Q3E12
Event Queue 3 Entry Register 12
0x02A0 04F4
Q3E13
Event Queue 3 Entry Register 13
0x02A0 04F8
Q3E14
Event Queue 3 Entry Register 14
0x02A0 04FC
Q3E15
Event Queue 3 Entry Register 15
0x02A0 0500 - 0x02A0 051C
-
Reserved
0x02A0 0520 - 0x02A0 05FC
-
Reserved
0x02A0 0600
QSTAT0
Queue 0 Status Register
0x02A0 0604
QSTAT1
Queue 1 Status Register
0x02A0 0608
QSTAT2
Queue Status Register 2
0x02A0 060C
QSTAT3
Queue Status Register 3
0x02A0 0610 - 0x02A0 061C
-
Reserved
0x02A0 0620
QWMTHRA
Queue Watermark Threshold A Register for Q[3:0]
0x02A0 0624
-
Reserved
0x02A0 0640
CCSTAT
EDMA3CC Status Register
0x02A0 0644 - 0x02A0 06FC
-
Reserved
0x02A0 0700 - 0x02A0 07FC
-
Reserved
0x02A0 0800
MPFAR
Memory Protection Fault Address Register
0x02A0 0804
MPFSR
Memory Protection Fault Status Register
0x02A0 0808
MPFCR
Memory Protection Fault Command Register
0x02A0 080C
MPPA0
Memory Protection Page Attribute Register 0
0x02A0 0810
MPPA1
Memory Protection Page Attribute Register 1
0x02A0 0814
MPPA2
Memory Protection Page Attribute Register 2
0x02A0 0818
MPPA3
Memory Protection Page Attribute Register 3
0x02A0 081C
MPPA4
Memory Protection Page Attribute Register 4
0x02A0 0820
MPPA5
Memory Protection Page Attribute Register 5
0x02A0 0824
MPPA6
Memory Protection Page Attribute Register 6
0x02A0 0828
MPPA7
Memory Protection Page Attribute Register 7
0x02A0 082C - 0x02A0 0FFC
-
Reserved
0x02A0 1000
ER
Event Register
76
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com