Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT7 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320DM647CUT7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT7 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320DM647CUT7 Datasheet HTML 45Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 46Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 47Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 48Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 49Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 50Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 51Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 52Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
3.3
Pullup/Pulldown Resistors
Proper board design should specify that input pins to the device always be at a valid logic level and not
floating. This may be achieved via pullup/pulldown resistors. The device features internal pullup (IPU) and
internal pulldown (IPD) resistors on most pins to eliminate the need, unless otherwise noted, for external
pullup/pulldown resistors.
An external pullup/pulldown resistor must be used in the following situations:
•
Boot and Configuration Pins: If the pin is both routed out and in high-impedance mode, an external
pullup/pulldown resistor must be used, even if the IPU/IPD matches the desired value/state.
•
Other Input Pins: If the IPU/IPD does not match the desired value/state, use an external
pullup/pulldown resistor to pull the signal to the opposite rail.
If the boot and configuration pins are both routed out and in high-impedance mode, it is recommended
that an external pullup/pulldown resistor be used. Although internal pullup/pulldown resistors exist on
these pins and they may match the desired configuration value, providing external connectivity can help
specify that valid logic levels are latched on these important boot configuration pins. In addition, applying
external pullup/pulldown resistors on the boot and configuration pins adds convenience to the user in
debugging and flexibility in switching operating modes.
Tips for choosing an external pullup/pulldown resistor:
•
Select a resistor with the largest possible resistance
•
Calculate the worst-case leakage current that flows through this external resistor. Worst-case leakage
current can be calculated by adding up all the leakage current at the pin—e.g., the input current (II)
from the device, and leakage current from the other device(s) to which this pin is connected.
•
Specify that the voltage at the pin stays well within the low-/high-level input voltages (VIL or VIH) when
worst-case leakage current is flowing through this external resistor.
–
To oppose an IPU and pull the signal to a logic low, the voltage at the pin must stay well below VIL.
–
To oppose an IPD and pull the signal to a logic high, the voltage at the pin must stay well above
VIH.
For most systems, a 1-k
Ω resistor can be used to oppose the IPU/IPD while meeting the above criteria.
Users should confirm this resistor value is correct for their specific application.
For most systems, a 20-k
Ω resistor can be used to complement the IPU/IPD on the boot and configuration
pins while meeting the above criteria. Users should confirm this resistor value is correct for their specific
application.
For more detailed information on input current (II), and the low-/high-level input voltages (VIL and VIH) , see
Section 5.3, Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
Temperature.
For the internal pullup/pulldown resistors for all device pins, see the peripheral/system-specific terminal
functions table.
Copyright © 2007–2012, Texas Instruments Incorporated
Device Configuration
49
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com