Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT7 Datasheet(PDF) 116 Page - Texas Instruments

Part # TMS320DM647CUT7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT7 Datasheet(HTML) 116 Page - Texas Instruments

Back Button TMS320DM647CUT7 Datasheet HTML 112Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 113Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 114Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 115Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 116Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 117Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 118Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 119Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 190 page
background image
AECLKOUT
ACEx
ABE[7:0]
AEA[19:0]/ABA[1:0]
AED[63:0]
ASADS/ASRE(B)
AAOE /ASOE(B)
AAWE/ASWE(B)
BE1
BE2
BE3
BE4
Q1
Q2
Q3
9
1
4
5
8
9
6
7
3
1
2
BE1
BE2
BE3
BE4
EA1
EA2
EA4
8
READ latency = 2
EA3
Q4
AECLKOUT
ACEx
ABE[1:0]
AEA[23:0]/ABA[1:0]
AED[15:0]
ASADSASRE
/
AAOEASOE
/
AAWEASWE
/
BE1
BE2
BE3
BE4
Q1
Q2
Q3
Q4
12
11
3
1
12
10
4
2
1
8
5
8
EA1
EA2
EA3
EA4
10
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Figure 6-24. Programmable Synchronous Interface Read Timing for EMIFA (With Read Latency = 2)
NOTE
This information applies to Figure 6-25 and Figure 6-26.
The following parameters are programmable via the EMIF Chip Select n Configuration
Register (CESECn):
•
Read latency (R_LTNCY): 1-, 2-, or 3-cycle read latency
•
Write latency (W_LTNCY): 0-, 1-, 2-, or 3-cycle write latency
•
ACEx assertion length (CE_EXT): For standard SBSRAM or ZBT SRAM interface, ACEx
goes inactive after the final command has been issued (CE_EXT = 0). For synchronous
FIFO interface, ACEx is active when AAOE/ASOE is active (CE_EXT = 1).
•
Function of ASADS/ASRE (R_ENABLE): For standard SBSRAM or ZBT SRAM interface,
ASADS/ASRE has deselect cycles (R_ENABLE = 0). For FIFO interface, ASADS/ASRE
has NO deselect cycles (R_ENABLE = 1).
A.
In this figure, W_LTNCY = 0, CE_EXT = 0, R_ENABLE = 0, and SSEL = 1.
Figure 6-25. Programmable Synchronous Interface Write Timing for EMIFA (With Write Latency = 0)
116
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com