Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT9 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 24Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 25Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 26Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 27Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 28Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 29Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 30Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 31Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 2-4. Terminal Functions (continued)
TERMINAL NAME
NO
TYPE(
INTERNAL
OPER
DESCRIPTION
1)
PULLUP/
VOLT
PULLDOWN
VP4CTL2/ ASADS/
K2
I/O/Z
IPD
3.3 V
Video Port 4 Control 2 or Programmable synchronous address
ASRE
strobe or read-enable. For programmable synchronous interface,
the r_enable field in the ChipSelect x Configuration Register
selects between ASADS and ASRE:
– If r_enable = 0, then the ASADS/ASRE signal functions as the
ASADS signal.
– If r_enable = 1, then the ASADS/ASRE signal functions as the
ASRE signal.
VP4D02/ ABE00
L2
I/O/Z
IPU
3.3 V
Video Port 4 Data 2 or EMIFA byte-enable control 0. Decoded
from the low-order address bits. The number of address bits or
byte enables used depends on the width of external memory.
Byte-write enables for most types of memory.
VP4D03/ABE01
M4
I/O/Z
IPU
3.3 V
Video Port 4 Data 3 or EMIFA byte-enable control 1. Number of
address bits or byte enables used depends on the width of
external memory. Byte-write enables for most types of memory.
VP4D04/AEA10
M5
I/O/Z
IPU
3.3 V
Video Port 4 Data 4 or EMIFA External Address 10 (word address)
(O/Z)
VP4D05
M6
I/O/Z
IPU
3.3 V
Video Port 4 Data 5
VP4D06/ACE2
L3
I/O/Z
IPU
3.3 V
Video Port 4 Data 6 or EMIFA memory space enable 2
VP4D07/ACE3
L4
I/O/Z
IPU
3.3 V
Video Port 4 Data 7 or EMIFA memory space enable 3
VP4D08/AEA00
L5
I/O/Z
IPD
3.3 V
Video Port 4 Data 8 or EMIFA External Address 0 (word address)
(O/Z)
VP4D09/AEA01
K3
I/O/Z
IPD
3.3 V
Video Port 4 Data 9 or EMIFA External Address 1 (word address)
(O/Z)
VP4D12/AEA02
K4
I/O/Z
IPD
3.3 V
Video Port 4 Data 12 or EMIFA External Address 2 (word address)
(O/Z)
VP4D13/AEA03
L6
I/O/Z
IPD
3.3 V
Video Port 4 Data 13 or EMIFA External Address 3 (word address)
(O/Z)
VP4D14/AEA04
K5
I/O/Z
IPD
3.3 V
Video Port 4 Data 14 or EMIFA External Address 4 (word address)
(O/Z)
VP4D15/AEA05
J3
I/O/Z
IPD
3.3 V
Video Port 4 Data 15 or EMIFA External Address 5 (word address)
(O/Z)
VP4D16/AEA06
J4
I/O/Z
IPD
3.3 V
Video Port 4 Data 16 or EMIFA External Address 6 (word address)
(O/Z)
VP4D17/AEA07
J5
I/O/Z
IPD
3.3 V
Video Port 4 Data 17 or EMIFA External Address 7 (word address)
(O/Z)
VP4D18/AEA08
J6
I/O/Z
IPD
3.3 V
Video Port 4 Data 18 or EMIFA External Address 8 (word address)
(O/Z)
VP4D19/AEA09
K6
I/O/Z
IPD
3.3 V
Video Port 4 Data 19 or EMIFA External Address 9 (word address)
(O/Z)
EMIFA
AEA23
H4
OZ
IPD
3.3 V
EMIFA External Address 23 (word address) (O/Z)
AEA19
H5
O/Z
IPU
3.3 V
EMIFA External Address 19 (word address) (O/Z)
AECLKINSEL/AEA17
G4
I/O/Z
IPD
3.3 V
Select EMIFA external clock (I) (The EMIFA input clock AECLKIN
or SYSCLK4 is selected at reset via the pullup/pulldown resistor
on this pin. Note: AECLKIN is the default for the EMIFA input
clock.)
or EMIFA external address 17 (word address) (O/Z)
28
Device Overview
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com