Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT9 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 40Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 41Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 42Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 43Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 44Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 45Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 46Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 47Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
3.2.6
PINMUX Register
All pin multiplexing options are controlled by software via PINMUX register (except the ones mentioned in
Table 3-8, whose default is selected by configuration pins). This PINMUX register reside within the system
module portion of the CFG bus memory map. The format of the registers and a description of the pins
they control are in the following sections.
The PINMUX Register controls all the software-controlled pin muxing. The register format is shown in
Figure 3-6. A brief description of each field is shown in Table 3-7.
Figure 3-6. PINMUX Register
31
22
21
20
19
18
17
16
Reserved
GPIO_EN
Reserved
VPI_EN
R-0000 0000 00
R/W-00
R-00
R/W-00
15
14
13
12
11
10
9
8
7
6
5
4
3
1
0
TIMER
VP34_EN
SPI_UART_EN
Reserved
MCASP_EN
Reserved
VLYNQ_EN
Reserved
_EN
R/W-00
R/W-00
R-00
R/W-00
R-00
R/W-00
R-000
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 3-7. PINMUX Register Field Descriptions
Bit
Field
Value
Description
31:22
Reserved
Reserved
21:20
GPIO_EN
Controls the pin muxing between Video Port 0 and the GPIO[12:15]
UNMUXED(1)
UNMUXED (2)
SECONDARY MUXED(3)
.VP0D16-19
VP0D02-09/CLK/CTL
VP0D12-15
GP12-15
00
3-state
3-state
3-state
01
3-state
3-state
3-state
10
Enable
Enable
VP0D12-15
11
3-state
Enable
GP12-15
19:18
Reserved
Reserved
17:16
VP1_EN
Controls the pin muxing between Video Port 1 and GPIO[16:31]
UNMUXED(4)
MUXED (5)
VP1CLK0-
VP1 Data
GP[16-31]
1/VP1CTL0-2
(V1D02-09/12-19)
00
3-state
3-state
01
3-state
3-state
10
3-state
GP16-31
11
Enable
VP1D02-09 and VP1D12-19
(1)
The complete list of pins: U20, U21, U22, R18.
(2)
The complete list of pins: Y23, V23, Y22, V22, U23, W20, V18, U18, V19, W21, T18, U19, V20.
(3)
The complete list of pins: V21, T19, T20, T21.
(4)
The complete list of pins: P23, N23, R23, P22, N22
(5)
The complete list of pins: R19, P19, P18, R22, R21, R20, N21, N20, N19, P21, P20, M20, M18, N18, M21, M19
44
Device Configuration
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com