Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT9 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 36Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 37Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 38Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 39Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 40Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 41Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 42Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 43Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 3-2. BOOTCFG Register Field Descriptions (continued)
Bit
Field
Value
Description
3:0
BOOTMODE
Boot Mode. Latched from Bootmode at RESET or POR deassertion
Table 3-3. Boot Modes
DEVICE BOOT AND
DM647, DM648
DSPBOOTADDR
CONFIGURATION PINS
BOOT DESCRIPTION(1) (2)
(MASTER/SLAVE)
(DEFAULT)
BOOTMODE[3:0]
UHPIEN
FASTBOOT
0000
0 or 1
0 or 1
No boot (emulation boot)
-
0x0080 0000
0
1
PCI boot no auto-initialization
Slave
0x0080 0000
0001
1
0 or 1
HPI boot
Slave
0x0080 0000
0
1
PCI boot with auto-initialization
Slave
0x0080 0000
0010
1
0 or 1
HPI boot
Slave
0x0080 0000
0011
0 or 1
0
UART boot with no hardware flow control
Slave
0x0080 0000
0
EMIFA ROM direct boot (PLL bypass mode)
Master
0xA000 0000
0100
0 or 1
1
EMIFA ROM AIS boot
Master
0x0080 0000
0101
0 or 1
0 or 1
I2C Boot (standard mode)
Master
0x0080 0000
0110
0 or 1
0 or 1
SPI boot
Master
0x0080 0000
0111
0 or 1
0 or 1
Reserved
-
0x0080 0000
1000
0 or 1
0 or 1
SGMII0 - Boot port, no packet forwarding
Slave
0x0080 0000
SGMII0 - Boot port, SGMII1 packet
1001
0 or 1
0 or 1
Slave
0x0080 0000
forwarding (reserved in DM647)
SGMII1 - Boot port, SGMII0 packet
1010
0 or 1
0 or 1
Slave
0x0080 0000
forwarding (reserved in DM647)
1011
0 or 1
0 or 1
Reserved
-
0x0080 0000
1100
0 or 1
0 or 1
Reserved
-
0x0080 0000
1101
0 or 1
0 or 1
Reserved
-
0x0080 0000
UART Boot with hardware flow control
1110
0 or 1
0
Slave
0x0080 0000
[UART0]
1111
0 or 1
0 or 1
Reserved
-
0x0080 0000
(1)
In all bootmodes other than EMIFA ROM Direct Boot (BOOTMODE[3:0] = 0100b, UHPIEN = 0b or 1b, FASTBOOT = 0b) all C64x+
cache is disabled (L1P,L1D,L2).
(2)
For details of the boot process, see Using the TMS320DM647 Bootloader Application Report (literature number SPRAAJ1).
3.2.2
DSPBOOTADDR Register Description
The DSPBOOTADDR register contains the upper 22 bits of the C64x+ DSP reset vector. The register
format is shown in Figure 3-2 and bit field descriptions are shown in Table 3-4. DSPBOOTADDR is
readable and writable by software after reset. DSPBOOTADDR Decode: This decode logic determines the
default of the DSPBOOTADDR Register. It can default to the base address of L2 ROM (0x00800000) or
the base address of EMIFA CS2 (0xA0000000).
Figure 3-2. DSPBOOTADDR Register
31
10
9
0
BOOTADDR
Reserved
R/W-0100 0010 0010 0000 0000 00
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 3-4. DSPBOOTADDR Register Field Descriptions
Bit
Field
Value
Description
31:10
BOOTADDR
Upper 22 bits of the C64x+ DSP bootmode address
9:0
Reserved
Reserved
40
Device Configuration
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com