Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT9 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 78Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 79Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 80Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 81Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 82Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 83Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 84Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 85Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-19. EDMA3 Transfer Controller 2 Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02A3 0304
DFSRC0
Destination FIFO Source Address Register 0
02A3 0308
DFCNT0
Destination FIFO Count Register 0
02A3 030C
DFDST0
Destination FIFO Destination Address Register 0
02A3 0310
DFBIDX0
Destination FIFO BIDX Register 0
02A3 0314
DFMPPRXY0
Destination FIFO Memory Protection Proxy Register 0
02A3 0318 - 02A3 033C
-
Reserved
02A3 0340
DFOPT1
Destination FIFO Options Register 1
02A3 0344
DFSRC1
Destination FIFO Source Address Register 1
02A3 0348
DFCNT1
Destination FIFO Count Register 1
02A3 034C
DFDST1
Destination FIFO Destination Address Register 1
02A3 0350
DFBIDX1
Destination FIFO BIDX Register 1
02A3 0354
DFMPPRXY1
Destination FIFO Memory Protection Proxy Register 1
02A3 0358 - 02A3 037C
-
Reserved
02A3 0380
DFOPT2
Destination FIFO Options Register 2
02A3 0384
DFSRC2
Destination FIFO Source Address Register 2
02A3 0388
DFCNT2
Destination FIFO Count Register 2
02A3 038C
DFDST2
Destination FIFO Destination Address Register 2
02A3 0390
DFBIDX2
Destination FIFO BIDX Register 2
02A3 0394
DFMPPRXY2
Destination FIFO Memory Protection Proxy Register 2
02A3 0398 - 02A3 03BC
-
Reserved
02A3 03C0
DFOPT3
Destination FIFO Options Register 3
02A3 03C4
DFSRC3
Destination FIFO Source Address Register 3
02A3 03C8
DFCNT3
Destination FIFO Count Register 3
02A3 03CC
DFDST3
Destination FIFO Destination Address Register 3
02A3 03D0
DFBIDX3
Destination FIFO BIDX Register 3
02A3 03D4
DFMPPRXY3
Destination FIFO Memory Protection Proxy Register 3
02A3 03D8 - 02A3 7FFF
-
Reserved
Table 6-20. EDMA3 Transfer Controller 3 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02A3 8000
PID
Peripheral Identification Register
02A3 8004
TCCFG
EDMA3TC Configuration Register
02A3 8008 - 02A3 80FC
-
Reserved
02A3 8100
TCSTAT
EDMA3TC Channel Status Register
02A3 8104 - 02A3 811C
-
Reserved
02A3 8120
ERRSTAT
Error Register
02A3 8124
ERREN
Error Enable Register
02A3 8128
ERRCLR
Error Clear Register
02A3 812C
ERRDET
Error Details Register
02A3 8130
ERRCMD
Error Interrupt Command Register
02A3 8134 - 02A3 813C
-
Reserved
02A3 8140
RDRATE
Read Rate Register
02A3 8144 - 02A3 823C
-
Reserved
02A3 8240
SAOPT
Source Active Options Register
02A3 8244
SASRC
Source Active Source Address Register
02A3 8248
SACNT
Source Active Count Register
02A3 824C
SADST
Source Active Destination Address Register
82
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com