Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT9 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 80 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 76Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 77Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 78Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 79Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 80Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 81Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 82Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 83Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-17. EDMA3 Transfer Controller 0 Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02A2 03C8
DFCNT3
Destination FIFO Count Register 3
02A2 03CC
DFDST3
Destination FIFO Destination Address Register 3
02A2 03D0
DFBIDX3
Destination FIFO BIDX Register 3
02A2 03D4
DFMPPRXY3
Destination FIFO Memory Protection Proxy Register 3
02A2 03D8 - 02A2 7FFF
-
Reserved
Table 6-18. EDMA3 Transfer Controller 1 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02A2 8000
PID
Peripheral Identification Register
02A2 8004
TCCFG
EDMA3TC Configuration Register
02A2 8008 - 02A2 80FC
-
Reserved
02A2 8100
TCSTAT
EDMA3TC Channel Status Register
02A2 8104 - 02A2 811C
-
Reserved
02A2 8120
ERRSTAT
Error Register
02A2 8124
ERREN
Error Enable Register
02A2 8128
ERRCLR
Error Clear Register
02A2 812C
ERRDET
Error Details Register
02A2 8130
ERRCMD
Error Interrupt Command Register
02A2 8134 - 02A2 813C
-
Reserved
02A2 8140
RDRATE
Read Rate Register
02A2 8144 - 02A2 823C
-
Reserved
02A2 8240
SAOPT
Source Active Options Register
02A2 8244
SASRC
Source Active Source Address Register
02A2 8248
SACNT
Source Active Count Register
02A2 824C
SADST
Source Active Destination Address Register
02A2 8250
SABIDX
Source Active Source B-Index Register
02A2 8254
SAMPPRXY
Source Active Memory Protection Proxy Register
02A2 8258
SACNTRLD
Source Active Count Reload Register
02A2 825C
SASRCBREF
Source Active Source Address B-Reference Register
02A2 8260
SADSTBREF
Source Active Destination Address B-Reference Register
02A2 8264 - 02A2 827C
-
Reserved
02A2 8280
DFCNTRLD
Destination FIFO Set Count Reload
02A2 8284
DFSRCBREF
Destination FIFO Set Destination Address B Reference Register
02A2 8288
DFDSTBREF
Destination FIFO Set Destination Address B Reference Register
02A2 828C - 02A2 82FC
-
Reserved
02A2 8300
DFOPT0
Destination FIFO Options Register 0
02A2 8304
DFSRC0
Destination FIFO Source Address Register 0
02A2 8308
DFCNT0
Destination FIFO Count Register 0
02A2 830C
DFDST0
Destination FIFO Destination Address Register 0
02A2 8310
DFBIDX0
Destination FIFO BIDX Register 0
02A2 8314
DFMPPRXY0
Destination FIFO Memory Protection Proxy Register 0
02A2 8318 - 02A2 833C
-
Reserved
02A2 8340
DFOPT1
Destination FIFO Options Register 1
02A2 8344
DFSRC1
Destination FIFO Source Address Register 1
02A2 8348
DFCNT1
Destination FIFO Count Register 1
02A2 834C
DFDST1
Destination FIFO Destination Address Register 1
02A2 8350
DFBIDX1
Destination FIFO BIDX Register 1
80
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com