Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT9 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 37Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 38Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 39Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 40Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 41Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 42Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 43Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 44Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
3.2.3
Boot Complete (BOOTCMPLT) register
The BOOTCMPLT register contains a BC (boot complete) field in bit 0, and a ERR (boot error) field in bits
19:16.
The BC field is written by the external host to indicates that it has completed boot. In the bootloader code,
the CPU can poll for this bit. Once this bit = 1, the CPU can begin executing from DSPBOOTADDR.
The ERR field is written by the bootloader software if the software detects a boot error. Coming out of a
boot, application software can read this field to determine if boot was accomplished. Actual error code is
determined by software.
Figure 3-3. BOOTCMPLT Register 3
31
20
19
16
Reserved
ERR
R-0
R-0
15
1
0
Reserved
BC
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 3-5. BOOTCMPLT Register Field Descriptions
Bit
Field
Value
Description
31:20
Reserved
Reserved
19:16
ERR
Boot error
0000
No error
0001 – 1111
Bootloader software detected boot error. For details on boot errors, see the Using the
TMS320DM647/DM648 Bootloader Application Report (literature number SPRAAJ1).
15:1
Reserved
Reserved
0
BC
Boot Complete Flag from host. This is applicable only to host boots.
0
Host has not completed booting this device.
1
Host has completed booting this device and the DSP can begin executing from
DSPBOOTADDR.
Copyright © 2007–2012, Texas Instruments Incorporated
Device Configuration
41
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com