Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT9 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 8Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 9Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 10Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 11Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 12Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 13Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 14Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 15Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 2-2. C64x+ Cache Registers (continued)
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x0184 8000 - 0x0184 80FC
MAR0 - MAR63
Reserved 0x0000 0000 - 0x3FFF FFFF
0x0184 80C0 - 0x0184 80FC
MAR48 - MAR63
Reserved 0x3000 0000 - 0x3FFF FFFF
0x0184 8100 - 0x0184 813C
MAR64 - MAR79
Memory attribute registers for PCI Data 0x4000 0000 - 0x4FFF FFFF
0x0184 8140 - 0x0184 827C
MAR80 - MAR159
Reserved 0x5000 0000 - 0x9FFF FFFF
0x0184 8280 - 0x0184 82BC
MAR160 - MAR175
Memory attribute registers for EMIFA CE2 0xA000 0000 - 0xA3FF FFFF
0x0184 82C0 - 0x0184 82FC
MAR176 - MAR191
Memory attribute registers for EMIFA CE3 0xB000 0000 - 0xB3FF FFFF
0x0184 8130 - 0x0184 813C
MAR76 - MAR79
Memory Attribute Registers for VLYNQ 0x4C00 0000 - 0x4FFF FFFF
0x0184 8300 - 0x0184 837C
MAR192 - MAR223
Reserved 0xC000 0000 - 0xDFFF FFFF
0x0184 8380 - 0x0184 83BC
MAR224 - MAR239
Memory attribute registers for DDR2 0xE000 0000 - 0xEFFF FFFF
0x0184 83C0 - 0x0184 83FC
MAR240 - MAR255
Memory attribute registers for DDR2 0xF000 0000 - 0xFFFF FFFF
2.4
Memory Map Summary
Table 2-3 shows the memory map address ranges of the device. The device has multiple on-chip
memories associated with its processor and various subsystems. To help simplify software development,
a unified memory map is used where possible to maintain a consistent view of device resources across all
bus masters.
Table 2-3. Memory Map Summary
START
END
SIZE
C64x+
ADDRESS
ADDRESS
(Bytes)
MEMORY MAP
0x0000 0000
0x000F FFFF
1M
Reserved
0x0010 0000
0x0011 FFFF
128K
VICP
0x0020 0000
0x007F FFFF
6M
Reserved
0x0080 0000
0x008B FFFF
768K
Internal ROM
0x008C 0000
0x009F FFFF
2M - 768K
Reserved
0x00A0 0000
0x00A3 FFFF
256K
L2 SRAM (for both DM647 and DM648)
0x00A4 0000
0x00A7 FFFF
256K
L2 SRAM (for DM648 only)
0x00A8 0000
0x00DF FFFF
4M - 512K
Reserved
0x00E0 0000
0x00E0 7FFF
32K
L1P SRAM
0x00E0 8000
0x00EF FFFF
1M – 32K
Reserved
0x00F0 0000
0x00F0 7FFF
32K
L1D SRAM
0x00F0 8000
0x00FF FFFF
1M – 32K
Reserved
0x0100 0000
0x017F FFFF
8M
Reserved
0x0180 0000
0x0180 FFFF
64K
C64x+ Interrupt Controller
0x0181 0000
0x0181 0FFF
4K
C64x+ Power-down Control
0x0181 1000
0x0181 1FFF
4K
C64x+ Security ID
0x0181 2000
0x0181 2FFF
4K
C64x+ Revision ID
0x0181 3000
0x0181 FFFF
52K
Reserved
0x0182 0000
0x0182 040F
1040B
C64x+ EMC
0x0182 0410
0x0182 FFFF
64K – 16
Reserved
0x0183 0000
0x0183 FFFF
64K
Reserved
0x0184 0000
0x0184 FFFF
64K
C64x+ Memory control
0x0185 0000
0x01BB FFFF
3, 520K
Reserved
0x01BC 0000
0x01BC FFFF
64K
Emulation
0x01BD 0000
0x01BD FFFF
64K
Reserved
0x01BE 0000
0x01BF FFFF
128K
Reserved
0x01BE 0000
0x01FF FFFF
4.125M
Reserved
0x0200 0000
0x0200 007F
128B
HPI Control
0x0200 0080
0x0203 FFFF
256K – 128
Reserved
0x0204 0000
0x0204 3FFF
16K
McASP Control
12
Device Overview
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com