Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT9 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 65Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 66Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 67Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 68Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 69Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 70Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 71Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 72Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 190 page
background image
PLLV2
C162
C161
EMIFilter
+1.8V
560pF
0.1 F
m
PLL2
CLKIN2
PLLM
x20
PLLOUT
PLLREF
DDR2MemoryController
SYSCLK1(FromPLL Controller1)
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
6.5
PLL2 Controller
The secondary PLL controller generates interface clocks for the DDR2 memory controller.
As shown in Figure 6-7, the PLL2 controller features a PLL multiplier controller. The PLL multiplier is fixed
to a x20 multiplier rate. PLL2 power is supplied externally via the PLL2 power supply (PLLV2). An external
PLL filter circuit must be added to PLLV2 as shown in Figure 6-7. The 1.8-V supply for the EMI filter must
be from the same 1.8-V power plane supplying the I/O power-supply pin, DVDD18. TI requires EMI filter
manufacturer Murata, part number NFM18CC222R1C3.
Figure 6-7. PLL Controller
All PLL external components (C161, C162, and the EMI Filter) should be placed as close to the C64x+
DSP device as possible. For the best performance, TI requires that all the PLL external components be on
a single side of the board without jumpers, switches, or components other than the ones shown. For
reduced PLL jitter, maximize the spacing between switching signals and the PLL external components
(C161, C162, and the EMI Filter). The minimum CLKIN2 rise and fall times should also be observed. For
the input clock timing requirements, see Section 6.5.3, PLL2 Controller Input Clock Electrical Data/Timing.
6.5.1
PLL2 Controller Device-Specific Information
As shown in Figure 6-7, the output of PLL2, PLLOUT, is directly fed to the DDR2 memory controller. This
clock is used by the DDR2 memory controller to generate DDR2CLKOUT and DDR2CLKOUTz. Note that,
internally, the data bus interface of the DDR2 memory controller is clocked by SYSCLK1 of the PLL1
controller.
Note that there is a minimum and maximum operating frequency for PLLREF and PLLOUT. The clock
generator must not be configured to exceed any of these constraints. For the PLL clocks input and output
frequency ranges, see Table 6-10.
Table 6-10. PLL2 Clock Frequency Ranges
CLOCK SIGNAL
REQUIRED FREQUENCY
UNIT
PLLREF (CLKIN2 )
20 - 26.6
MHz
PLLOUT (DDR2 clock)
400 - 533(1)
MHz
(1)
This clock is the 2x of the DDR clock. The DDR PHY divides the clock down /2.
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
69
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com