Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT9 Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 106 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 102Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 103Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 104Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 105Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 106Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 107Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 108Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 109Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
NOTE
The region (see Figure 6-14) should encompass all DDR2 circuitry and varies depending on
placement. Non-DDR2 signals should not be routed on the DDR signal layers within the
DDR2 keep out region. Non-DDR2 signals may be routed in the region provided they are
routed on layers separated from DDR2 signal layers by a ground layer. No breaks should be
allowed in the reference ground layers in this region. In addition, the 1.8-V power plane
should cover the entire keep out region.
6.9.3.6
Bulk Bypass Capacitors
Bulk bypass capacitors are required for moderate speed bypassing of the DDR2 and other circuitry.
Table 6-33 contains the minimum numbers and capacitance required for the bulk bypass capacitors. This
table covers only the bypass needs of the DSP and DDR2 interfaces. Additional bulk bypass capacitance
may be needed for other circuitry.
Table 6-33. Bulk Bypass Capacitors
NO.
PARAMETER
MIN
MAX
UNIT
1
DVDD18 Bulk Bypass Capacitor Count
(1)
3
Devices
2
DVDD18 Bulk Bypass Total Capacitance
30
μF
3
DDR#1 Bulk Bypass Capacitor Count(2)
1
Devices
4
DDR#1 Bulk Bypass Total Capacitance
10
μF
5
DDR#2 Bulk Bypass Capacitor Count(2) (3)
1
Devices
6
DDR#2 Bulk Bypass Total Capacitance(3)
10
μF
(1)
These devices should be placed near the device they are bypassing, but preference should be given to the placement of the high-speed
(HS) bypass caps.
(2)
These devices should be placed near the device they are bypassing, but preference should be given to the placement of the high-speed
(HS) bypass caps.
(3)
Only used on 32-bit wide DDR2 memory systems
6.9.3.7
High-Speed Bypass Capacitors
High-Speed (HS) bypass capacitors are critical for proper DDR2 interface operation. It is particularly
important to minimize the parasitic series inductance of the HS bypass cap, DSP/DDR power, and
DSP/DDR ground connections. Table 6-34 contains the specification for the HS bypass capacitors as well
as for the power connections on the PCB.
6.9.3.8
Net Classes
Table 6-35 lists the clock net classes for the DDR2 interface. Table 6-36 lists the signal net classes, and
associated clock net classes, for the signals in the DDR2 interface. These net classes are used for the
termination and routing rules that follow.
Table 6-34. High-Speed Bypass Capacitors
NO.
PARAMETER
MIN
MAX
UNIT
1
HS Bypass Capacitor Package Size(1)
0402
10 Mils
2
Distance from HS bypass capacitor to device being bypassed
250
Mils
3
Number of connection vias for each HS bypass capacitor(2)
2
Vias
4
Trace length from bypass capacitor contact to connection via
1
30
Mils
5
Number of connection vias for each DDR2 device power or ground balls
1
Vias
6
Trace length from DDR2 device power ball to connection via
35
Mils
7
DVDD18 HS Bypass Capacitor Count
(3)
20
Devices
8
DVDD18 HS Bypass Capacitor Total Capacitance
1.2
μF
(1)
L × W, 10 mil units ( i.e., a 0402 is a 40 × 20 mil surface mount capacitor)
(2)
An additional HS bypass capacitor can share the connection vias only if it is mounted on the opposite side of the board.
(3)
These devices should be placed as close as possible to the device being bypassed.
106
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com