Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT9 Datasheet(PDF) 129 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 129 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 125Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 126Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 127Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 128Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 129Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 130Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 131Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 132Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 190 page
background image
3
2
Start
Bit
Data Bits
UART_TXDn
UART_RXDn
5
Data Bits
Bit
Start
4
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
6.13.2 UART Electrical Data/Timing
Table 6-58. Timing Requirements for UARTx Receive(1) (see Figure 6-33)
720, 800, 900, 1100
NO.
UNIT
MIN
MAX
4
tw(URXDB)
Pulse duration, receive data bit (RXDn) [15/30/100 pF]
0.96U
1.05U
ns
5
tw(URXSB)
Pulse duration, receive start bit [15/30/100 pF]
0.96U
1.05U
ns
(1)
U = UART baud time = 1/programmed baud rate.
Table 6-59. Switching Characteristics Over Recommended Operating Conditions for UARTx Transmit(1)
(see Figure 6-33)
720, 800, 900, 1100
NO.
PARAMETER
UNIT
MIN
MAX
1
f(baud)
Maximum programmable baud rate
5
MHz
2
tw(UTXDB)
Pulse duration, transmit data bit (TXDn) [15/30/100 pF]
U - 2
U + 2
ns
3
tw(UTXSB)
Pulse duration, transmit start bit [15/30/100 pF]
U - 2
U + 2
ns
(1)
U = UART baud time = 1/programmed baud rate.
Figure 6-33. UART Transmit/Receive Timing
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
129
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com