Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT9 Datasheet(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 136 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 132Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 133Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 134Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 135Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 136Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 137Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 138Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 139Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 190 page
background image
10
8
4
3
7
12
5
6
14
2
3
13
Stop
Start
Repeated
Start
Stop
SDA
SCL
1
11
9
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
6.15.2 I2C Electrical Data/Timing
6.15.2.1 Inter-Integrated Circuits (I2C) Timing
Table 6-63. Timing Requirements for I2C Timings(1) (see Figure 6-38)
720, 800, 900, 1100
STANDARD
NO.
FAST MODE
UNIT
MODE
MIN
MAX
MIN
MAX
1
tc(SCL)
Cycle time, SCL
10
2.5
µs
Setup time, SCL high before SDA low (for a repeated START
2
tsu(SCLH-SDAL)
4.7
0.6
µs
condition)
Hold time, SCL low after SDA low (for a START and a repeated
3
th(SCLL-SDAL)
4
0.6
µs
START condition)
4
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
µs
5
tw(SCLH)
Pulse duration, SCL high
4
0.6
µs
6
tsu(SDAV-SCLH)
Setup time, SDA valid before SCL high
250
100(2)
ns
7
th(SDA-SCLL)
Hold time, SDA valid after SCL low
0(3)
0(3) 0.9(4)
µs
8
tw(SDAH)
Pulse duration, SDA high between STOP and START conditions
4.7
1.3
µs
9
tr(SDA)
Rise time, SDA
1000 20 + 0.1Cb
(5)
300
ns
10
tr(SCL)
Rise time, SCL
1000 20 + 0.1Cb
(5)
300
ns
11
tf(SDA)
Fall time, SDA
300 20 + 0.1Cb
(5)
300
ns
12
tf(SCL)
Fall time, SCL
300 20 + 0.1Cb
(5)
300
ns
13
tsu(SCLH-SDAH)
Setup time, SCL high before SDA high (for STOP condition)
4
0.6
µs
14
tw(SP)
Pulse duration, spike (must be suppressed)
0
50
ns
15
Cb
(5)
Capacitive load for each bus line
400
400
pF
(1)
The I2C pins SDA and SCL do not feature fail-safe I/O buffers. These pins could potentially draw current when the device is powered
down.
(2)
A Fast-mode I2C-bus™ device can be used in a standard-mode I2C-bus system, but the requirement tsu(SDA-SCLH)≥ 250 ns must then be
met. This will be the case automatically if the device does not stretch the LOW period of the SCL signal. If such a device does stretch
the LOW period of the SCL signal, it must output the next data bit to the SDA line tr max + tsu(SDA-SCLH)= 1000 + 250 = 1250 ns
(according to the Standard-mode I2C-Bus Specification) before the SCL line is released.
(3)
A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) to bridge the
undefined region of the falling edge of SCL.
(4)
The maximum th(SDA-SCLL) has to be met only if the device does not stretch the low period [tw(SCLL)] of the SCL signal.
(5)
Cb = total capacitance of one bus line in pF. If mixed with HS-mode devices, faster fall-times are allowed.
Figure 6-38. I2C Receive Timings
136
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com