Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253_016 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS61253_016
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253_016 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61253_016 Datasheet HTML 1Page - Texas Instruments TPS61253_016 Datasheet HTML 2Page - Texas Instruments TPS61253_016 Datasheet HTML 3Page - Texas Instruments TPS61253_016 Datasheet HTML 4Page - Texas Instruments TPS61253_016 Datasheet HTML 5Page - Texas Instruments TPS61253_016 Datasheet HTML 6Page - Texas Instruments TPS61253_016 Datasheet HTML 7Page - Texas Instruments TPS61253_016 Datasheet HTML 8Page - Texas Instruments TPS61253_016 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
SLVSAG8G – SEPTEMBER 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Options....................................................... 4
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 6
7.5
Electrical Characteristics........................................... 6
7.6
Typical Characteristics .............................................. 9
8
Parameter Measurement Information ................ 14
9
Detailed Description ............................................ 15
9.1
Overview ................................................................. 15
9.2
Functional Block Diagram ....................................... 15
9.3
Feature Description................................................. 16
9.4
Device Functional Modes........................................ 17
10
Application and Implementation........................ 19
10.1
Application Information.......................................... 19
10.2
Typical Application ................................................ 19
10.3
System Examples ................................................. 24
11
Power Supply Recommendations ..................... 26
12
Layout................................................................... 26
12.1
Layout Guidelines ................................................. 26
12.2
Layout Example .................................................... 26
12.3
Thermal Considerations ........................................ 27
13
Device and Documentation Support ................. 28
13.1
Device Support...................................................... 28
13.2
Related Links ........................................................ 28
13.3
Receiving Notification of Documentation Updates 28
13.4
Community Resources.......................................... 28
13.5
Trademarks ........................................................... 28
13.6
Electrostatic Discharge Caution ............................ 28
13.7
Glossary ................................................................ 28
14
Mechanical, Packaging, and Orderable
Information ........................................................... 29
14.1
Package Summary................................................ 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (March 2016) to Revision G
Page
•
Changed the Package Dimensions section.......................................................................................................................... 29
Changes from Revision E (March 2015) to Revision F
Page
•
Added device TPS612592 ...................................................................................................................................................... 4
Changes from Revision D (December 2014) to Revision E
Page
•
Changed Body Size (NOM) from "1.60 mm × 1. 60" to "1.206 mm × 1. 306" in the Device Information table...................... 1
•
Added table note reference to Third-Party Products Disclaimer .......................................................................................... 19
Changes from Revision C (August 2012) to Revision D
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
Changes from Revision B (May 2012) to Revision C
Page
•
Added TPS61259 to data sheet header as production device............................................................................................... 1
•
Changed device TPS61259 to production status ................................................................................................................... 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com