Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253_016 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS61253_016
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253_016 Datasheet(HTML) 5 Page - Texas Instruments

  TPS61253_016 Datasheet HTML 1Page - Texas Instruments TPS61253_016 Datasheet HTML 2Page - Texas Instruments TPS61253_016 Datasheet HTML 3Page - Texas Instruments TPS61253_016 Datasheet HTML 4Page - Texas Instruments TPS61253_016 Datasheet HTML 5Page - Texas Instruments TPS61253_016 Datasheet HTML 6Page - Texas Instruments TPS61253_016 Datasheet HTML 7Page - Texas Instruments TPS61253_016 Datasheet HTML 8Page - Texas Instruments TPS61253_016 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
www.ti.com
SLVSAG8G – SEPTEMBER 2011 – REVISED JUNE 2016
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground terminal.
(3)
Limit the junction temperature to 105°C for continuous operation at maximum output power.
(4)
Limit the junction temperature to 125°C for 5% duty cycle operation.
(5)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max)= TJ(max)–(θJA X PD(max)). To achieve optimum performance, it is
recommended to operate the device with a maximum junction temperature of 105°C.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
Voltage at VIN(2), VOUT(2), SW(2), EN(2), BP(2)
–0.3
7
V
Input current
Continuous average current into SW (3)
1.8
A
Peak current into SW (4)
3.5
Power dissipation
Internally limited
Temperature
Operating, TA
(5)
–40
85
°C
Operating virtual junction, TJ
–40
150
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
Machine model (MM)
±200
(1)
Up to 1000mA peak output current.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VI
Input voltage range
TPS61253
2.65(1)
4.85
V
TPS61254
2.5
4.35
TPS61256
2.5
4.85
TPS61257
2.5
4.15
TPS61258
2.65(1)
4.35
TPS61259
2.65(1)
4.85
TPS612592
2.65(1)
4.85
RL
Minimum resistive load for start-up
TPS6125x
55
Ω
L
Inductance
0.7
1.0
2.9
µH
CO
Output capacitance
3.5
5
50
µF
TA
Ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com