Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253_016 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS61253_016
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253_016 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS61253_016 Datasheet HTML 16Page - Texas Instruments TPS61253_016 Datasheet HTML 17Page - Texas Instruments TPS61253_016 Datasheet HTML 18Page - Texas Instruments TPS61253_016 Datasheet HTML 19Page - Texas Instruments TPS61253_016 Datasheet HTML 20Page - Texas Instruments TPS61253_016 Datasheet HTML 21Page - Texas Instruments TPS61253_016 Datasheet HTML 22Page - Texas Instruments TPS61253_016 Datasheet HTML 23Page - Texas Instruments TPS61253_016 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
(
)
OUT
OUT
IN
MIN
OUT
I
V
V
C
f
V
V
-
=
D
g
g
g
h
g
g
OUT
L(DC)
OUT
IN
V
1
I
=
I
V
OUT
IN
IN
L(PEAK)
OUT
I
V
D
V
I
=
+
with D
1
2
f
L
(1 D)
V
h
=
-
-
h
g
g
g
g
g
20
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
SLVSAG8G – SEPTEMBER 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(4)
Selecting an inductor with insufficient saturation performance can lead to excessive peak current in the
converter. This could eventually harm the device and reduce its reliability.
When selecting the inductor, as well as the inductance, parameters of importance are: maximum current rating,
series resistance, and operating temperature. The inductor DC current rating should be greater (by some margin)
than the maximum input average current, refer to Equation 5 and Current Limit Operation section for more
details.
(5)
The TPS6125x series of step-up converters have been optimized to operate with a effective inductance in the
range of 0.7 µH to 2.9 µH and with output capacitors in the range of 10 µF to 47 µF. The internal compensation
is optimized for an output filter of L = 1 µH and CO = 10 µF. Larger or smaller inductor values can be used to
optimize the performance of the device for specific operating conditions. For more details, see the Checking
Loop Stability section.
In high-frequency converter applications, the efficiency is essentially affected by the inductor AC resistance (i.e.
quality factor) and to a smaller extent by the inductor DCR value. To achieve high efficiency operation, care
should be taken in selecting inductors featuring a quality factor above 25 at the switching frequency. Increasing
the inductor value produces lower RMS currents, but degrades transient response. For a given physical inductor
size, increased inductance usually results in an inductor with lower saturation current.
The total losses of the coil consist of both the losses in the DC resistance, R(DC) , and the following frequency-
dependent components:
•
The losses in the core material (magnetic hysteresis loss, especially at high switching frequencies)
•
Additional losses in the conductor from the skin effect (current displacement at high frequencies)
•
Magnetic field losses of the neighboring windings (proximity effect)
•
Radiation losses
The following inductor series from different suppliers have been used with the TPS6125x converters.
(1)
See Third-Party Products Disclaimer
Table 4. List of Inductors
MANUFACTURER(1)
SERIES
DIMENSIONS (in mm)
HITACHI METALS
KSLI-322512BL1-1R0
3.2 x 2.5 x 1.2 max. height
MURATA
LQM32PN1R0MG0
3.2 x 2.5 x 1.0 max. height
LQM2HPN1R0MG0
2.5 x 2.0 x 1.0 max. height
LQM21PN1R5MC0
2.0 x 1.2 x 0.55 max height
TOKO
DFE322512C-1R0
3.2 x 2.5 x 1.2 max. height
MDT2012-CLR1R0AM
2.0 x 1.2 x 0.58 max height
10.2.2.2 Output Capacitor
For the output capacitor, it is recommended to use small ceramic capacitors placed as close as possible to the
VOUT and GND pins of the IC. If, for any reason, the application requires the use of large capacitors which can
not be placed close to the IC, using a smaller ceramic capacitor in parallel to the large one is highly
recommended. This small capacitor should be placed as close as possible to the VOUT and GND pins of the IC.
To get an estimate of the recommended minimum output capacitance, Equation 6 can be used.
(6)
Where f is the switching frequency which is 3.5 MHz (typ.) and
ΔV is the maximum allowed output ripple.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com