Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253_016 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS61253_016
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253_016 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS61253_016 Datasheet HTML 18Page - Texas Instruments TPS61253_016 Datasheet HTML 19Page - Texas Instruments TPS61253_016 Datasheet HTML 20Page - Texas Instruments TPS61253_016 Datasheet HTML 21Page - Texas Instruments TPS61253_016 Datasheet HTML 22Page - Texas Instruments TPS61253_016 Datasheet HTML 23Page - Texas Instruments TPS61253_016 Datasheet HTML 24Page - Texas Instruments TPS61253_016 Datasheet HTML 25Page - Texas Instruments TPS61253_016 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
V
= 5.0 V
O
3.3V to 3.9V Line Step
50mA to 500mA
Load Step
50 to 500 mA Load Step
V = 3.6 V,
V
= 5.0 V
I
O
V = 3.6 V,
V
= 5.0 V,
I
I
O
O = 40 mA
V = 3.6 V,
V
= 5.0 V,
I
I
O
O = 200 mA
22
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
SLVSAG8G – SEPTEMBER 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
10.2.3 Application Curves
FIGURE
PFM operation
Figure 29
PWM operation
Figure 30
Combined line/load transient response
Figure 31
Load transient response
Figure 32, Figure 34
AC load transient response
Figure 33, Figure 35
Start-up
Figure 36, Figure 37
spacing
Figure 29. Power-Save Mode Operation
Figure 30. PWM Operation
Figure 31. Combined Line/Load Transient Response
Figure 32. Load Transient Response in PFM/PWM
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com