Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253_016 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS61253_016
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253_016 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS61253_016 Datasheet HTML 9Page - Texas Instruments TPS61253_016 Datasheet HTML 10Page - Texas Instruments TPS61253_016 Datasheet HTML 11Page - Texas Instruments TPS61253_016 Datasheet HTML 12Page - Texas Instruments TPS61253_016 Datasheet HTML 13Page - Texas Instruments TPS61253_016 Datasheet HTML 14Page - Texas Instruments TPS61253_016 Datasheet HTML 15Page - Texas Instruments TPS61253_016 Datasheet HTML 16Page - Texas Instruments TPS61253_016 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
0
5
10
15
20
25
I
- Valley Current Limit - mA
LIM
TPS61253
V
= 3.6 V,
Sample Size = 200
IN
T = 125°C
J
T = 25°C
J
T = -20°C
J
0
20
40
60
80
100
120
140
160
180
200
-30
-10
10
30
50
70
90
110
130
T - Junction Temperature - °C
J
Rectifier MOSFET
Switch MOSFET
V
= 5 V
O
I
- Valley Current Limit - mA
LIM
0
5
10
15
20
25
T = 25°C
J
T = 130°C
J
T = -20°C
J
Sample Size = 200
V
= 3.6 V
IN
0
0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7
3
3.3 3.6
Differential Input - Output Voltage - V
150
155
160
165
170
175
180
185
190
195
200
205
210
215
220
225
230
235
240
245
250
V = 3.6 V,
T = 85°C
I
A
V = 3.6 V,
T = 25°C
I
A
V = 3.6 V,
T = -40°C
I
A
13
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
www.ti.com
SLVSAG8G – SEPTEMBER 2011 – REVISED JUNE 2016
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Figure 21. DC Pre-Charge Current vs Differential Input-
Output Voltage
Figure 22. Valley Current Limit
Figure 23. Valley Current Limit
Figure 24. MOSFET rDS(on) vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com