Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253_016 Datasheet(PDF) 25 Page - Texas Instruments

Part # TPS61253_016
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253_016 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS61253_016 Datasheet HTML 21Page - Texas Instruments TPS61253_016 Datasheet HTML 22Page - Texas Instruments TPS61253_016 Datasheet HTML 23Page - Texas Instruments TPS61253_016 Datasheet HTML 24Page - Texas Instruments TPS61253_016 Datasheet HTML 25Page - Texas Instruments TPS61253_016 Datasheet HTML 26Page - Texas Instruments TPS61253_016 Datasheet HTML 27Page - Texas Instruments TPS61253_016 Datasheet HTML 28Page - Texas Instruments TPS61253_016 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
4.7 F
10 uF
L
VIN
EN
VOUT
BP
GND
L
1 H
V
IN
3.2 V .. 5.25 V
TPS61259
IN
OC1
EN1
OC2
OUT1
EN2
GND
TPS2052B
Data
5V, 500mA
USB Port #1
OUT2
5V USB Power
5V USB Power
Data
5V, 500mA
USB Port #2
Requirement for USB host applications.
Downstream facing ports should be bypassed with 120µF min. per hub.
(1)
V
IO
100nF
100nF
150µF
(1)(2)
100nF
150µF
(1)(2)
IN
OC
ON
OUT
GND
TPS22945
1 F
V
IO
Data
5V, 100mA
HDMI Port
100nF
Bypass capacitor should be tantalum type (>10V rated voltage).
(2)
5V HDMI Power
Enable DC/DC
Enable USB, HDMI
≥ 1000µs
≥ 0µs
Enable DC/DC
Enable USB1
Enable USB2
Enable HDMI
Copyright © 2016, Texas Instruments Incorporated
4.7 F
10 uF
SW
VIN
EN
VOUT
BP
GND
L
1 H
V
IN
3.3 V .. 4.8 V
5.0 V, up to 750mA
TPS61256
Audio Input
Audio Input
EN
Class-D APA
EN DC/DC
EN APA
Copyright © 2016, Texas Instruments Incorporated
4.7 F
10 uF
SW
VIN
EN
VOUT
BP
GND
L
1 H
V
IN
2.65 V .. 4.35 V
4.5 V / V
IN
TPS61254
Audio Input
Audio Input
EN IHF
CLASS-D APA
EN DC/DC
EN HP
EN HP
CLASS-AB APA
AUDIO AMPLIFIER (HANDS-FREE, HEADPHONE)
Audio Input
Audio Input
Copyright © 2016, Texas Instruments Incorporated
25
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
www.ti.com
SLVSAG8G – SEPTEMBER 2011 – REVISED JUNE 2016
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
System Examples (continued)
Figure 40. Combined Audio Amplifier Power Supply
Figure 41. "Boosted" Audio Power Supply
Figure 42. Single Cell Li-Ion Power Solution for Tablet PCs Featuring x2 USB Host Ports, HDMI I/F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com