Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253_016 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS61253_016
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253_016 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61253_016 Datasheet HTML 5Page - Texas Instruments TPS61253_016 Datasheet HTML 6Page - Texas Instruments TPS61253_016 Datasheet HTML 7Page - Texas Instruments TPS61253_016 Datasheet HTML 8Page - Texas Instruments TPS61253_016 Datasheet HTML 9Page - Texas Instruments TPS61253_016 Datasheet HTML 10Page - Texas Instruments TPS61253_016 Datasheet HTML 11Page - Texas Instruments TPS61253_016 Datasheet HTML 12Page - Texas Instruments TPS61253_016 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
50
55
60
65
70
75
80
85
90
95
100
0.1
1
10
100
1000
I
- Output Current - mA
O
V = 2.5 V
I
V = 2.7 V
I
V = 3 V
I
V = 3.3 V
I
V = 3.6 V
I
V = 4.5 V
I
V
= 5 V (TPS61256)
PFM/PWM Operation
O
50
55
60
65
70
75
80
85
90
95
100
0.1
1
10
100
1000
I
- Output Current - mA
O
V = 4.5 V
I
V = 3.6 V
I
V = 3.3 V
I
V = 3 V
I
V = 2.7 V
I
I = 2.5 V
V
PFM/PWM Operation
V = 4.5 V
O
9
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
www.ti.com
SLVSAG8G – SEPTEMBER 2011 – REVISED JUNE 2016
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.6 Typical Characteristics
Table 1. Table of Graphs
FIGURE
η
Efficiency
vs Output current
Figure 1, Figure 2,
Figure 3, Figure 5
vs Input voltage
Figure 4
VO
DC output voltage
vs Output current
Figure 6, Figure 7,
Figure 8, Figure 9,
Figure 10,
Figure 14
vs Input voltage
Figure 11
IO
Maximum output current
vs Input voltage
Figure 12,
Figure 13
ΔVO
Peak-to-peak output ripple voltage
vs Output current
Figure 15,
Figure 16,
Figure 17
ICC
Supply current
vs Input voltage
Figure 18,
Figure 19
ILIM
DC pre-charge current
vs Differential input-output voltage
Figure 20,
Figure 21
Valley current limit
vs Temperature
Figure 22,
Figure 23
rDS(on)
MOSFET rDS(on)
vs Temperature
Figure 24
Figure 1. Efficiency vs Output Current
Figure 2. Efficiency vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com