Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253_016 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS61253_016
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253_016 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61253_016 Datasheet HTML 7Page - Texas Instruments TPS61253_016 Datasheet HTML 8Page - Texas Instruments TPS61253_016 Datasheet HTML 9Page - Texas Instruments TPS61253_016 Datasheet HTML 10Page - Texas Instruments TPS61253_016 Datasheet HTML 11Page - Texas Instruments TPS61253_016 Datasheet HTML 12Page - Texas Instruments TPS61253_016 Datasheet HTML 13Page - Texas Instruments TPS61253_016 Datasheet HTML 14Page - Texas Instruments TPS61253_016 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
2.5 2.75
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
V - Input Voltage - V
I
T = -40 °C
A
T = 25 °C
A
T = 85 °C
A
T = 65 °C
A
V = 5 V (TPS61253),
I = Pulse Operation (t
= 20 ms,
= 10%)
PWM Operation
O
O
pulse
d
0
20 40
60
80 100 120 140 160 180 200 220 240
I
- Output Current - mA
O
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
V
~ V
Standby Operation
O
I
V = 4.5 V
I
V = 2.5 V
I
V = 2.7 V
I
V = 3 V
I
V = 3.3 V
I
V = 3.6 V
I
V = 4.2 V
I
2.5 2.75
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
V - Input Voltage - V
I
500
700
900
1100
1300
1500
1700
1900
2100
2300
V
= 5 V (TPS61256)
PWM Operation
O
T = -40°C
A
T = 25°C
A
T = 85°C
A
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
V - Input Voltage - V
I
4.95
5
5.05
5.1
5.15
5.2
5.25
5.3
5.35
5.4
5.45
5.5
5.55
I
= 100 mA
O
I
= 10 mA
O
I
= 800 mA
O
V
= 5 V
PFM/PWM Operation
O
I
= 500 mA
O
4.75
4.8
4.85
4.9
4.95
5
5.05
5.1
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
I - Output Current - mA
O
V = 4.2 V
I
V = 4.5 V
I
V = 3.3 V
I
V = 3.6 V
I
V = 5 V (TPS61253),
I = Pulse Operation (t
= 20 ms,
= 10%),
PWM Operation
O
O
pulse
d
V = 3 V
I
4.8
4.85
4.9
4.95
5
5.05
500
700
900
1100
1300
1500
1700
1900
I
- Output Current - mA
O
V = 4.5 V
I
V = 2.5 V
I
V = 2.7 V
I
V = 3 V
I
V = 3.3 V
I
V = 3.6 V
I
V = 4.2 V
I
V
= 5 V (TPS61256)
PWM Operation
O
11
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
www.ti.com
SLVSAG8G – SEPTEMBER 2011 – REVISED JUNE 2016
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Figure 9. DC Output Voltage vs Output Current
Figure 10. DC Output Voltage vs Output Current
Figure 11. DC Output Voltage vs Input Voltage
Figure 12. Maximum Output Current vs Input Voltage
Figure 13. Maximum Output Current vs Input Voltage
Figure 14. DC Output Voltage vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com