Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1611C Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT1611C
Description  Timer with Dialer Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1611C Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT1611C Datasheet HTML 2Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 3Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 4Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 5Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 6Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 7Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 8Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 9Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
On-hook & off-hook
Note: Block A shows the switches S1 and S2 that are used for setting and selecting.
Block B illustrates a timer mode when Off-hook; timer resets and starts to count the conversation time.
In Block C, the dialing data is received and displayed on the LCD from left to right after Off-hook. When the en-
try interval is over 10 seconds, it resets the timer and starts to count.
TIMER key function
The TIMER key is used to start/stop the timer (toggle). In real time mode, it can perform a stopwatch function.
In the conversation timer mode, it can reset or hold the timer.
HT1611C
Rev. 1.10
6
August 17, 2001
Block A
Block B
Block C
Receive Digit(s)
78
7
780
On-hook
Receive Data
No Data
Entry >10 secs
Timer Mode
On-hook
00 01
00 02
11
26
10 25 37
S2
S2
S2
S1
S1
Hour
Minute
Real Time
Display Timer
5 sec duration
> 5 secs
< 5 secs and
Off-hook
Off-hook
00 00
Trig. TIMER
(within 5 secs)
Timer reset
and count
00 00
01 24
Trig.
TIMER
01 24
Timer hold
No action for
over 5 secs
Timer reset
and count
00 00
00 12
LCD display
real time
10 11 00
00 12 36
Return to real
time clock
00 12
Timer hold
Trig. TIMER
Trig. TIMER
(HK=0)
Off-hook
Dialing out
Timer reset
and count
00 00
01 24
Trig.
TIMER
Timer reset
and count
00 00
00 12
LCD display
real time
10 11 00
1234567
Dialing finished
(after 10 secs)
01 24
Timer hold
00 24 36
Return to real
time clock
On-hook
over 5 secs
Trig. TIMER
Timer reset
and count
00 00
01 24
Show dialing
numbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com