Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1611C Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1611C
Description  Timer with Dialer Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1611C Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1611C Datasheet HTML 1Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 2Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 3Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 4Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 5Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 6Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 7Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 8Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Pad Description
Pad Name
I/O
Internal
Connection
Description
SEG1~SEG30
O
CMOS OUT
LCD segment signal output pads
COM1~COM3
O
CMOS OUT
LCD common signal output pads
HK
I
CMOS IN
Pull-high
Hook switch detector input
Active low
S2
I
CMOS IN
Pull-low
Clock adjusting switch
Active high
X2
O OSCILLATOR 32768Hz crystal oscillator output
X1
I
OSCILLATOR 32768Hz crystal oscillator input
T2
I
CMOS IN
Pull-high
Test pad (connected to VSS for production test)
T1
I
CMOS IN
Pull-high
Test pad (connected to VSS for production test)
INT
O
NMOS OUT
Interrupt output, 2Hz (default) or 16Hz (by mask option)
TIMER
I
CMOS IN
Pull-low
Timer reset and start/hold toggle control input pad
12/24
I
CMOS IN
Pull-low
12-hour or 24-hour format option pad, connected to VDD for 12-hour format
S1
I
CMOS IN
Pull-low
Clock setting switch
Active high
DI
I
CMOS IN
Pull-high
Serial data input pad (connected to the dialer)
Data should be valid at the falling edge of SK
SK
I
CMOS IN
Pull-high
Clock input pad (connected to the dialer)
VA
O
CMOS OUT
Voltage doubler, connected to the external capacitor
VB
O
CMOS OUT
Voltage doubler, connected to the external capacitor
VC
O
CMOS OUT
Voltage doubler, connected to the external capacitor
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
Approximate internal connection circuit
HT1611C
Rev. 1.10
3
August 17, 2001
NM O S O UT
CM O S I N
Pul l - l o w
CM O S I N
Pul l - h i g h
OS C I L L A T OR
CM O S O UT
X1
X2
12pF
15pF
10M W
V DD
V DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com