Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1611C Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1611C
Description  Timer with Dialer Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1611C Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1611C Datasheet HTML 1Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 2Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 3Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 4Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 5Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 6Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 7Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 8Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HT1611C
Timer with Dialer Interface
Block Diagram
Rev. 1.10
1
August 17, 2001
General Description
The HT1611C is a CMOS chip designed for dialer inter-
faces driving 8 or 10-digit LCDs. Various functions, such
as real time clock, dialing number and conversation time
display are provided.
The real time is displayed by default. When answering a
telephone call, the timer is activated to tell users how
long the conversation has taken. After the telephone is
hung up, the total conversation time is shown for about 5
seconds and then the real time is displayed again.
When making a phone call, the HT1611C receives the
dialing data from the dialer and displays the phone num-
ber from left to right on the LCD. However, if there is no
dialing action within 10 seconds, it restarts the timer
again. By adding a TIMER key, the HT1611C can pro-
vide a stopwatch function and timer reset/hold functions
(for details, refer to the functional description).
Features
· Operating voltage: 1.2V~1.7V
· Low operating current: 3mA (typ.)
· Dialing number and conversation time display
· Conversation timer (59 mins and 59 secs max.)
· 8 or 10-digit LCD display driver; 3V,1/2 bias, 1/3 duty
(8-digit hand-held calculator LCD used for 8-digit ap-
plications)
· Real time clock with stopwatch
· Built-in dialer interface
· 12-hour or 24-hour format
· Two-button sequential operation for real time clock
setting
· Uses 32768Hz crystal
Applications
· Timers, clocks, watches
· LCD display drivers
· Telephone display interface
· Instrument display
Patent Number: 84545 (R.O.C.)
Patent Pending: 08/214, 079 (U.S.A.)
EP N
T1
T2
SE G 1
SE G 3 0
TI M E R
S1
HK
Ti m e
Ba s e
Ti m e r
Sh i f t
R egi s t er
St a t e
C ont r o l
C ont r o l
Ci r c ui t
Co m m o n
Ci r c ui t
D e c oder
&
MU X
V o l t age
D o ubl er
S egm en t
Lat c h
&
Se l e c t
Sc a n
CK T
X1
X2
S2
IN T
CO M 1
CO M 2
CO M 3
VA
VB
VC
RT
12/ 2 4
VD D
V S S
DI
SK


Similar Part No. - HT1611C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1612 HOLTEK-HT1612 Datasheet
627Kb / 14P
Timer with Dialer Interface
5th July 95
HT1613C HOLTEK-HT1613C Datasheet
194Kb / 13P
Timer with Dialer Interface
August 17, 2001
HT1616C HOLTEK-HT1616C Datasheet
211Kb / 13P
Timer with Dialer Interface
September 13, 2001
logo
ARTSCHIP ELECTRONICS CO...
HT1618 ARTSCHIP-HT1618 Datasheet
216Kb / 5P
LED Driver
More results

Similar Description - HT1611C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2425A SAMSUNG-KA2425A Datasheet
91Kb / 6P
SPEECH NETWORK WITH DIALER INTERFACE
KA8501A SAMSUNG-KA8501A Datasheet
60Kb / 4P
SPEECH NETWORK WITH DIALER INTERFACE
S1T2425A SAMSUNG-S1T2425A Datasheet
77Kb / 7P
SPEECH NETWORK WITH DIALER INTERFACE
S1T8501 SAMSUNG-S1T8501 Datasheet
61Kb / 6P
SPEECH NETWORK WITH DIALER INTERFACE
logo
Hynix Semiconductor
GL6965 HYNIX-GL6965 Datasheet
340Kb / 23P
Telephone Speech Network with Dialer Interface
logo
Holtek Semiconductor In...
HT1616C HOLTEK-HT1616C Datasheet
211Kb / 13P
Timer with Dialer Interface
September 13, 2001
HT1613C HOLTEK-HT1613C Datasheet
194Kb / 13P
Timer with Dialer Interface
August 17, 2001
logo
List of Unclassifed Man...
M1613 ETC1-M1613 Datasheet
105Kb / 2P
Timer with Dialer Interface
logo
Holtek Semiconductor In...
HT1612 HOLTEK-HT1612 Datasheet
627Kb / 14P
Timer with Dialer Interface
5th July 95
logo
Samsung semiconductor
KA8504 SAMSUNG-KA8504 Datasheet
55Kb / 4P
SPEECH NETWORK WITH DIALER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com