Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1611C Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT1611C
Description  Timer with Dialer Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1611C Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT1611C Datasheet HTML 4Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 5Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 6Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 7Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 8Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 9Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 10Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 11Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Application Circuits
For telephone interfacing (with batteries)
* The IC substrate should be connected to VDD in the PCB layout artwork.
HT1611C
Rev. 1.10
8
August 17, 2001
HD I
SK
DI
PO
12/ 2 4
HK
0. 1 m F
TI M E R
327 68H z
8 / 1 0 - D ig it L C D
CO M SEG
CO M
SEG CO M
30
2
13
1
S1
S2
1. 5V
H T 1611C
1
26
2
27
3
28
4
29
5
30
6
31
7
32
8
33
9
34
10
35
11
36
12
37
13
38
14
39
40
16
41
17
42
18
43
19
44
20
45
21
46
22
47
23
48
24
49
25
50
15
DO C L O C K
47k W
H T 9 3 XXX D i a l e r
HF O
805 0
HF I
330 m F
10V
VS S
47k W
1A b r i dge
Ri n g
Ti p
A9 2
33k W
100k W
100k W
HF I
V DD
805 0
270k W
47k W
A4 2
2. 7 k W
5. 1V
220k W
10 M W
330k W
HK S
1N 41 48 ´ 3
+
O ff- h o o k
On - h o o k
HD I
VS S
X1
X2
3. 58M H z
0. 1 m F
0. 02 m F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com