Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1611C Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT1611C
Description  Timer with Dialer Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1611C Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT1611C Datasheet HTML 3Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 4Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 5Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 6Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 7Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 8Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 9Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 10Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
· Data latch timing
HT1611C
Rev. 1.10
7
August 17, 2001
Data & Timing
· For telephone application
The HT1611C is designed to display telephone num-
bers derived from the HT93XXX series telephone dial-
ers. The corresponding data is illustrated in the
following table.
· For instrument or mC application
The HT1611C is also capable of displaying BCD data
generated from instrument or a mC system. The corre-
sponding data and timing is shown in the Data latch
timing. Before the data is transmitted to the HT1611C,
the HK pin should be pulled-low or continuously kept
low. The HT1611C is then ready to receive the data.
At the falling edge of the clock the data is shifted in to
the IC. After all the data is sent to the HT1611C, the
SK pin is set low to avoid switching to the timer mode.
K ey- I n
Da t a C o d e
Di s p l a y
b3
b2
b1
b0
Bl a n k
1
2
3
4
5
6
7
8
9
0
*
#
F
P
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
11
1
0
1
1
0
0
0
1
1
1
1
0
0
0
0
00
01
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
1
1
1
0
0
1
0
0
1
1
0
0
Bl a n k
DI
SK
Di g i t 1
Di g i t 2
Di g i t N
b3
b0
b1
b2
b3
b0
b1
b2
b0
b1
t A
t B
t C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com