Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1611C Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT1611C
Description  Timer with Dialer Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1611C Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT1611C Datasheet HTML 5Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 6Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 7Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 8Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 9Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 10Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 11Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 12Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
For 10-digit application
· Segment electrode side
LCD driving system 1/2 bias, 1/3 duty, 3V
· Common electrode side
· LCD connection
HT1611C
Rev. 1.10
12
August 17, 2001
2
1
17
8
9
10
11
12
21
20
19
18
17
16
15
14
13
22
23
24
25
26
27
28
30
2
45
6
3
SEG
SEG
COM
SEG SEG SEG SEG SEG SEG
SEG
SEG
SEG
SEG
SEG
SEG
SEG
SEG
SEG
SEG SEG SEG SEG SEG SEG SEG
SEG COM
SEG
29
SEG SEG SEG
SEG
COM
3
78 9
27
28 29 30
21
22 23 24
25 26
15
16 17 18
19 20
10 11 12
13 14
SEG
45 6
12 3
COM1
COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com