Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1611C Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT1611C
Description  Timer with Dialer Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1611C Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT1611C Datasheet HTML 5Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 6Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 7Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 8Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 9Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 10Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 11Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 12Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
For instrument or mC use
* The IC substrate should be connected to VDD in the PCB layout artwork.
Note: To drive SK, DI,HK, an open drain NMOS output structure is recommended.
To drive SK,DI and HK with a CMOS output structure, a voltage divider is needed (R=4.3kW, R1=10kW).
HT1611C
Rev. 1.10
10
August 17, 2001
SK
TI M E R
327 68H z
8 / 1 0 - D ig it L C D
CO M SEG
CO M
SEG CO M
30
2
13
1
S1
S2
1. 5V
H T 1611C
1
26
2
27
3
28
4
29
5
30
6
31
7
32
8
33
9
34
10
35
11
36
12
37
13
38
14
39
40
16
41
17
42
18
43
19
44
20
45
21
46
22
47
23
48
24
49
25
50
15
DO C L O C K
VD D
5V
VS S
In s t r um e n t o r m C S yst e m
R1
R
R1
R
R1
R
+
HK
12/ 2 4
DI
HK
0. 1 m F
0. 1 m F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com