Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1611C Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1611C
Description  Timer with Dialer Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1611C Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1611C Datasheet HTML 1Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 2Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 3Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 4Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 5Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 6Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 7Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 8Page - Holtek Semiconductor Inc HT1611C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Functional Description
Operational flow chart
HT1611C
Rev. 1.10
5
August 17, 2001
HK=0 ?
"HK= 1"
> 5 secs ?
HK= "0" ?
N
N
N
Y
Y
N
N
Y
Y
N
Y
Y
Reset to 00
00
start real time clock
Display real time
Trig.
TIMER key?
N
Display dialing number
Timer stops, displays
total conversation time
Over 5 secs ?
N
Y
Y
N
Y
N
Y
Y
Reset to 00
00
& start timer
Keep counting
Timer hold
> 5 secs ?
N
Y
N
Power-on
Timer keeps counting,
displays timer value
Reset to 00
00
& start timer
Dialing data input ?
Trig. TIMER key ?
HK= "0" ?
HK= "0" ?
N
Y
HK= "0" ?
No
data in > 10 s ?
Trig. TIMER key ?
Trig. TIMER key ?
Trig. TIMER key ?
N
N
Y
Y
Reset to 00
00
& start timer
Keep counting
Timer hold
Trig. TIMER key ?
Trig. TIMER key ?
HK= "0" ?
N
N
Y
Y
N
Y
N
Y
HK=1
>5sec?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com