Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RQ13K Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # PT-RQ13K
Description  3-Chip DLP??Projector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RQ13K Datasheet(HTML) 3 Page - Panasonic Semiconductor

  PT-RQ13K Datasheet HTML 1Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 2Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 3Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 4Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 5Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 6Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 7Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 8Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Scanning frequency
SDI
Quad-link HD-SDI signal (YPBPR 4:2:2 10-bit) :
3840 x 2160/24sF, 3840 x 2160/24p, 3840 x 2160/25sF, 3840 x 2160/25p,
3840 x 2160/30sF, 3840 x 2160/30p, 4096 x 2160/24sF, 4096 x 2160/24p,
4096 x 2160/25sF, 4096 x 2160/25p, 4096 x 2160/30sF, 4096 x 2160/30p
Quad-link 3G-SDI signal SMPTE ST 425 compliant (YPBPR 4:2:2 10-bit)
3840 x 2160/60p, 3840 x 2160/50p, 4096 x 2160/60p, 4096 x 2160/50p,
(YPBPR 4:2:2 12-bit, YPBPR 4:4:4 10-bit/12-bit, RGB 10-bit/12-bit)
3840 x 2160/24sF, 3840 x 2160/24p, 3840 x 2160/25sF, 3840 x 2160/25p,
3840 x 2160/30sF, 3840 x 2160/30p, 4096 x 2160/24sF, 4096 x 2160/24p,
4096 x 2160/25sF, 4096 x 2160/25p, 4096 x 2160/30sF, 4096 x 2160/30p
SDI1/SDI2 Simultaneous inputs (2 x speed)*4: 1080/60p, 1080/50p
(1st FRAME: SDI1, 2nd FRAME: SDI2)
SDI1/SDI2/SDI3/SDI4 Simultaneous inputs (4 x speed)*4: 1080/60p, 1080/50p
(1st FRAME: SDI1, 2nd FRAME: SDI2, 3rd FRAME: SDI3, 4th FRAME: SDI4)
DIGITAL LINK: Movie signal resolution : 480i*5/576i*5 – 4096 x 2160,
Still picture signal resolution : 640 x 400 – 2560 x 1600 (non-interlace),
Dot clock frequency: 25 MHz – 297 MHz
Keystone correction range
[VERTICAL KEYSTONE] (viewed from the side)
[HORIZONTAL KEYSTONE] (viewed from above)
Screen
Screen
Vertical arc correction (viewed from the side)Horizontal arc correction (viewed from above)
Screen
Projection distance
Arc radius
Screen
Projection distance
Arc radius
Arc center
Screen
Projection distance
Arc radius
Arc center
Screen
Projection distance
Arc radius
Only [KEYSTONE] used*6
[KEYSTONE] and [CURVED] used together*6
Only [CURVED] used
When using the optional Upgrade Kit (Model No.: ET-UK20)
ET-D75LE6
ET-D75LE8
ET-D75LE10
ET-D75LE20
ET-D75LE30
ET-D75LE40
ET-D75LE50
ET-D75LE90*7
± 28
± 40
± 40
± 40
± 40
± 40
± 22
+5 / -0
± 15
± 15
± 15
± 15
± 15
± 15
± 15
0
± 10
± 20
± 10
± 15
± 20
± 20
± 8
-
± 10
± 15
± 10
± 10
± 10
± 15
± 8
-
1.6
0.2
1.1
0.9
0.6
0.4
2.0
-
3.9
0.4
2.6
1.7
1.2
0.7
4.9
-
0.9
0.2
0.6
0.5
0.4
0.2
1.2
-
2.3
0.3
1.5
1.0
0.7
0.4
2.9
-
Projection
lens Model
No.
Vertical
keystone
correction
angle
α (°)
Horizontal
keystone
correction
angle
β (°)
Vertical
keystone
correction
angle
α (°)
Horizontal
keystone
correction
angle
β (°)
Min. value of
R2/L2
Min. value of
3/L3
Min. value of
R2/L2
Min. value of
R3/L3
Only [KEYSTONE] used*6
[KEYSTONE] and [CURVED] used together*6
Only [CURVED] used
ET-D75LE6
ET-D75LE8
ET-D75LE10
ET-D75LE20
ET-D75LE30
ET-D75LE40
ET-D75LE50
ET-D75LE90*7
± 28
± 45
± 40
± 40
± 45
± 45
± 22
+5 / -0
± 15
± 40
± 15
± 20
± 25
± 30
± 15
0
± 10
± 20
± 10
± 15
± 20
± 20
± 8
-
± 10
± 15
± 10
± 10
± 10
± 15
± 8
-
1.2
0.2
0.9
0.7
0.5
0.3
1.5
-
3.0
0.3
2.0
1.3
0.9
0.5
3.7
-
0.7
0.1
0.5
0.4
0.3
0.2
0.9
-
1.7
0.2
1.1
0.7
0.5
0.3
2.2
-
Projection
lens Model
No.
Vertical
keystone
correction
angle
α (°)
Horizontal
keystone
correction
angle
β (°)
Vertical
keystone
correction
angle
α (°)
Horizontal
keystone
correction
angle
β (°)
Min. value of
R2/L2
Min. value of
3/L3
Min. value of
R2/L2
Min. value of
R3/L3
PT-
RQ13K
3-Chip DLP™ Projector
As of September 2016
3/19
SFD15M032-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com