Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RQ13K Datasheet(PDF) 18 Page - Panasonic Semiconductor

Part # PT-RQ13K
Description  3-Chip DLP??Projector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RQ13K Datasheet(HTML) 18 Page - Panasonic Semiconductor

Back Button PT-RQ13K Datasheet HTML 11Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 12Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 13Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 14Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 15Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 16Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 17Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 18Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 19Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
PT-
RQ13K
3-Chip DLP™ Projector
As of September 2016
18/19
SFD15M032-1
*1 This is supported when the optional Interface Board for HDMI 2 input (Model No.: ET-MDNHM10) is installed in the slot.
*2 This is supported when the optional Interface Board for DVI-D 2 input (Model No.: ET-MDNDV10) is installed in the slot.
*3 Pixel-Repetition signal (dot clock frequency 27.0 MHz) only
*4 YPBPR 4:2:0 format only
*5 VESA CVT-RB (Reduced Blanking)-compliant
*1 In addition to the standard SDI input, this supports the input from the optional 3G-SDI Terminal Board with Audio
(Model No.: TY-TBN03G) installed in the slot.
*2 This is supported when the optional Interface Board for HDMI 2 input (Model No.: ET-MDNHM10) is installed in the slot.
*3 This is supported when the optional Interface Board for DVI-D 2 input (Model No.: ET-MDNDV10) is installed in the slot.
*4 VESA CVT-RB (Reduced Blanking)-compliant
1400 x 1050
1400 x 1050
1400 x 1050
1400 x 1050
1400 x 1050
1400 x 1050
1440 x 900
1440 x 900
1600 x 900
1600 x 900
1600 x 1200
1600 x 1200
1680 x 1050
1680 x 1050
1920 x 1080
1920 x 1080
*5
1920 x 1080
1920 x 1200
1920 x 1200
1920 x 1200
*5
2560 x 1600
2560 x 1600
*5
54.1
64.0
65.3
65.2
78.8
82.2
46.3
55.9
46.4
55.9
61.8
75.0
54.1
65.3
55.6
66.6
67.2
61.8
74.6
74.0
82.4
98.7
50.0
60.0
60.0
60.0
72.0
75.0
49.9
59.9
49.9
60.0
49.9
60.0
50.0
60.0
49.9
59.9
60.0
49.9
59.9
60.0
50.0
60.0
99.9
108.0
121.8
122.6
149.3
155.9
86.8
106.5
96.5
119.0
131.5
162.0
119.5
146.3
141.5
138.5
173.0
158.3
193.3
154.0
286.0
268.5
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
DVI-D*2
DIGITAL LINK
HDMI*1
H
(KHz)
V
(Hz)
Signal format
Resolution
(Dots)
Dot
clock freq.
(MHz)
Plug and play compatible signal
Scanning freq.
EDID1:
4K/60p
EDID2:
4K/30p
EDID3:
2K
EDID1:
4K/60p
EDID2:
4K/30p
EDID3:
2K
EDID1
EDID2
EDID3
1400 x 1050/50
1400 x 1050/60
1400 x 1050/72
1400 x 1050/75
1440 x 900/50
1440 x 900/60
1600 x 900/50
1600 x 900/60
1600 x 1200/50
1600 x 1200/60
1680 x 1050/50
1680 x 1050/60
1920 x 1080/50
1920 x 1080/60
1920 x 1200/50
1920 x 1200/60
1920 x 1200/60RB
2560 x 1600/50
2560 x 1600/60
1920 x 1080
1920 x 1080
1366 x 768
1366 x 768
1400 x 1050
1400 x 1050
1920 x 1080
1920 x 1080
*4
1920 x 1200
1920 x 1200
*4
67.5
56.3
39.6
47.7
54.1
65.3
55.6
66.6
61.8
74.0
60.0
50.0
49.9
59.8
50.0
60.0
49.9
59.9
49.9
60.0
148.5
148.5
69.0
85.5
99.9
121.8
141.5
138.5
158.3
154.0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
DVI-D*3
SDI*1
HDMI*2
H
(KHz)
V
(Hz)
Signal format
Resolution
(Dots)
Dot
clock freq.
(MHz)
Simultaneous input compatible signal
Scanning freq.
Double
speed
Quadruple
speed
Double
speed
Quadruple
speed
Double
speed
Quadruple
speed
1080/60p
1080/50p
1366 x 768/50
1366 x 768/60
1400 x 1050/50
1400 x 1050/60
1920 x 1080/50
1920 x 1080/60
1920 x 1200/50
1920 x 1200/60RB
List of simultaneous input compatible signals
The following table specifies the simultaneous input compatible video signals that the projector
can project.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com