Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RQ13K Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # PT-RQ13K
Description  3-Chip DLP??Projector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RQ13K Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PT-RQ13K Datasheet HTML 1Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 2Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 3Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 4Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 5Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 6Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 7Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 8Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Laser Diode (Laser class: Class 1)*Class 3R for North America.
Luminance life for set: 20,000 hours at half luminance (normal)/
24,000 hours at half luminance (Eco)
* Temperature: 35°C
(95°F), Altitude 700m (2,297 ft), Dust: 0.15mg/m3
43,800 hours at constant luminance (Longlife1)
61,320 hours at constant luminance (Longlife2)
87,600 hours at constant luminance (Longlife3)
Specifications
Main unit
Power supply
Power consumption
DLP™ chip
Panel size
Display method
Pixels
Lens
Light source
Screen size
Brightness*2
Center-to-corner uniformity*2
Contrast*2
Resolution
Scanning
SDI
frequency
AC 100–240 V, 50/60 Hz
(Note: Brightness may decrease depending on power conditions)
1,270 W (0.3 W with STANDBY MODE set to ECO.*1 4 W with
STANDBY MODE
set to NORMAL.),
Average power consumption
NORMAL: 913W ECO: 782W LONG LIFE1: 531-732W
LONG LIFE 2: 477-702W LONG LIFE 3: 423-665W
*Operating Temperature: 25 °C (77 °F), Altitude: 700m (2,297 ft),
ICE627087: 2008 Broadcast contents,
Picture mode: Dynamic, Dynamic Contrast3
22.9 mm (0.9 inches) diagonal (16:10 aspect ratio)
DLP™ chip ×3 (R, G, B), DLP™ projection system
4,096,000 (2560 × 1600) × 3, total of 12,288,000 pixels
O
Refresh Rate
240 Hz
ptional powered zoom/focus lenses
1.78–25.4 m (70–1,000 inches) (16:10 aspect ratio)
1.78–15.24 m (70 –600 inches) with the ET-D75LE8 (16:10 aspect ratio)
3.05–15.24 m (120 – 600 inches) with the ET-D75LE90 (16:10 aspect ratio)
10,000 lumens
90%
20,000:1 (full on/full off, in Dynamic Contrast 3 mode)
5120 × 3200 pixels (Quad Pixel Drive: ON)
49,152,000 (12,288,000 x 4) pixels when Quad Pixel Drive set to ON
SD-SDI signal SMPTE ST 259 compliant (YCBCR 4:2:2 10-bit): 480i, 576i
Single-link HD-SDI signal SMPTE ST 292 compliant(YPBPR 4:2:2 10-bit):
720/60p, 720/50p, 1035/60i, 1080/60i, 1080/50i, 1080/25p, 1080/25sF,
1080/24p, 1080/24sF, 1080/30p, 1080/30sF
Single-link 3G-SDI signal SMPTE ST 424 compliant (YPBPR 4:2:2 10-bit):
1080/60p, 1080/50p, 2048 x 1080/48p, 2048 x 1080/50p, 2048 x 1080/60p,
(RGB 4:4:4 12-bit/10-bit, YPBPR 4:4:4 12-bit/10-bit): 1080/60i, 1080/50i,
1080/25p, 1080/25sF, 1080/24p, 1080/24sF, 1080/30p, 1080/30sF, (RGB
4:4:4 12-bit/10-bit, YPBPR 4:4:4 12-bit/10-bit, X'Y'Z' 4:4:4 12-bit*3):
2048 x 1080/24p, 2048 x 1080/24sF, 2048 x 1080/25p, 2048 x 1080/25sF,
2048 x 1080/30p, 2048 x 1080/30sF
Dual-link HD-SDI signal SMPTE ST 372 compliant(YPBPR 4:2:2 10-bit):
1080/50p, 1080/60p, (RGB 4:4:4 12-bit/10-bit, YPBPR 4:4:4 12-bit/10-bit):
1080/60i, 1080/50i, 1080/24p, 1080/24sF, 1080/25p, 1080/25sF, 1080/30p,
1080/30sF, 2048 x 1080/24p, 2048 x 1080/24sF, 2048 x 1080/25p,
2048 x 1080/25sF, 2048 x 1080/30p, 2048 x 1080/30sF, (X' Y' Z' 4:4:4
12-bit*3): 2048 x 1080/24p, 2048 x 1080/24sF, 2048 x 1080/25p,
2048 x 1080/25sF, 2048 x 1080/30p, 2048 x 1080/30sF
Dual-link 3G-SDI signal SMPTE ST 425 compliant (YPBPR 4:4:4 12-bit/10-bit):
1080/50p, 1080/60p, 2048 x 1080/48p, 2048 x 1080/50p, 2048 x 1080/60p,
(RGB 4:4:4 12-bit/10-bit) : 1080/50p, 1080/60p, 2048 x 1080/48p,
2048 x 1080/50p, 2048 x 1080/60p, (YPBPR 4:2:2 10-bit): 3840 x 2160/24p,
3840 x 2160/25p, 3840 x 2160/30p, 4096 x 2160/24p, 4096 x 2160/25p,
4096 x 2160/30p
PT-
RQ13K
3-Chip DLP™ Projector
As of September 2016
2/19
SFD15M032-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com