Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RQ13K Datasheet(PDF) 15 Page - Panasonic Semiconductor

Part # PT-RQ13K
Description  3-Chip DLP??Projector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RQ13K Datasheet(HTML) 15 Page - Panasonic Semiconductor

Back Button PT-RQ13K Datasheet HTML 11Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 12Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 13Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 14Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 15Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 16Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 17Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 18Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 19Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
PT-
RQ13K
3-Chip DLP™ Projector
As of September 2016
15/19
SFD15M032-1
1400x1050/50
1400x105054.150.099.9
1400x105064.060.0108.0
1400x105065.360.0121.8
1400x105065.260.0122.6
1400x1050/72
1400x105078.872.0149.3
1400x1050/75
1400x105082.275.0155.9
1440x900/50
1440x900
46.3
49.9
86.8
1440x900/60
1440x900
55.9
59.9
106.5
1600x900/50
1600x900
46.4
49.9
96.5
1600x900/60
1600x900
55.9
60.0
119.0
1600x1200/50
1600x120061.849.9131.5
1600x1200/60
1600x120075.060.0162.0
1680x1050/50
1680x105054.150.0119.5
1680x1050/60
1680x105065.360.0146.3
1920x1080/50
1920x108055.649.9141.5
1920x1080*11
66.6
59.9
138.5
1920x108067.260.0173.0
1920x1200/50
1920x120061.849.9158.3
1920x1200/60
1920x120074.659.9193.3
1920x1200/60RB1920x1200*11
74.0
60.0
154.0
2560x1600/50
2560x160082.450.0286.0
2560x1600/60
2560x1600*11
98.7
60.0
268.5
1400x1050/60
1920x1080/60
*1 In addition to the standard SDI input , this supports the input from the optional 3G-SDI Terminal Board with Audio
(Model No.:TY-TBN03G) installed in the slot. Optional 3G-SDI Terminal Board with Audio(Model No.:TY-TBN03G) is required to be
installed to both of <SLOT1> and <SLOT2> when performing quad link using the input of the optional 3G-SDI (Model No.:TY-TBN03G)
installed in the slot. <Projector firmware and board firmware must be updated to Version 2.0 or later (scheduled February 2016) before
using the optional 3G-SDI Terminal Board ( TY-TBN03G). Contact your
sales representative for more information.>
*2 This is supported when the optional interface board for HDMI 2 input (Model No.:ET-MDNHM10) is installed in the slot Quad link is
supported only when the optional Interface Board for HDMI 2 input (Model No.:ET-MDNHM10) is installed on both <SLOT1> and <SLOT2>.
*3 This is supported when the optional interface board for DVI-D 2 input (Model No.:ET-MDNDV10) is installed in the slot Quad link is
supported only when the optional Interface Board for DVI-D 2 input (Model No.:ET-MDNDV10) is installed on both <SLOT1> and <SLOT2>.
*4 Pixel-Repetition signal (dot clock frequency 27.0 MHz) only
*5 Dual link HD-SDI signal is supported.
*6 Dual link 3G-SDI signal is supported.
*7 The optional SG-SDI Terminal Board with Audio (Model No.:TY-TBN03G)is not supported.
*8 Quad link HD-SDI signal is supported.
*9 Quad link 3G-SDI signal is supported.
*10 YPBPR 4:2:0 format only
*11 VESA CVT-RB (Reduced Blanking)-compliant.
The following table specifies the video signals compatible with the projector.
・The content of the compatible signal column is as follows.
- 1.Single link (displays one image using one input signal.)
- 2.Dual link (displays one image using two input signal.)
- 3.Quad link
 (displays one image using four input signal.)
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
--
-
--
--
123
123123
DVI-D*3
SDI*1
DIGITAL
LINK
HDMI*2
H
(KHz)
V
(Hz)
Signal format
Resolution
(Dots)
Dot
clock freq.
(MHz)
Compatible signal
Scanning freq.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com