Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RQ13K Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # PT-RQ13K
Description  3-Chip DLP??Projector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RQ13K Datasheet(HTML) 5 Page - Panasonic Semiconductor

  PT-RQ13K Datasheet HTML 1Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 2Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 3Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 4Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 5Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 6Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 7Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 8Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Supplied accessories
Power cord (×1) (x2 for PT-RZ12KE)
Wireless/wired remote control unit (× 1)
Batteries for remote control (AA/R6 type ×2)
Softwar
Lens drop-prevention screw (× 1)
e CD-ROM (Logo Transfer Software, Multi Monitoring
& Control Software) (× 1)
*4When simultaneous-type video signals are being input, the "geometric distortion correction" function and the expansion functions available
in the "Upgrade Kit" cannot be used.
*5
*2 Measurement, measuring conditions, and method of notation all comply with ISO 21118 international standards.
*3 Not compatible with the optional TY-TBN03G 3G-SDI terminal board.
*8 With legs at shortest position.
*9 Average value (excluding the optional lens). May differ depending on models.
*10 Operation range differs depending on environments.
*6When [VERTICAL KEYSTONE] and [HORIZONTAL KEYSTONE] are used simultaneously, correction cannot be made exceeding total of 30°.
*7Only the vertical keystone correction angle can be corrected in the direction in which the projector body moves away from the screen.
Weights and dimensions shown are approximate. Specifications and appearance are subject to change without notice.
*1When the standby mode is set to eco, network functions such as power on over the LAN network will not operate, and the serial output
terminal cannot be used. Also, only certain commands can be received for external control using the serial terminal.
Only compatible with dot clock frequency of 27 MHz (pixel repetition signal)
Remote control unit
Power supply
Operation range*10
Dimensions (W × H × D)
Weight
3 V DC (AA/R6 type battery ×2)
Approx. 30 m (98
5 in) when operated from directly in front of the
signal receptor
47.5 × 181.5 × 27.5 mm (1-7/8 × 7-5/32 × 1-3/32 inches)
Approx. 150 g (5.3 oz) (including batteries)
Cabinet materials
Dimensions (W ×H × D):
Weight*9
Operation noise*2
O
Applicable software
perating temperature
Molded plastic
49 kg (108.0 lbs) (without lens)
46 dB
Logo Transfer Software, Multi Monitoring & Control Software,
Early Warning Software,Geometry Manager Pro (ET-UK20 series Upgrade
Kit and ET-CUK10 series Auto Screen Adjustment Kit)
578 × 323.5*8 × 740 mm
(22-3/4 × 12-23/32*8 × 29-1/8 inches) (with projections)
578 × 270 × 725 mm
(22-3/4 × 10-5/8 ×28-17/32 inches) (without lens, feet or projections)
Ambient operating temperature: 0°C to 45°C (32 °F to 113 °F).
Ambient operating humidity: 10% - 80% (no condensation)
When the operating mode is set to "Normal", the operating temperature range
is 0°C to 45°C (32 °F to 113 °F), and at altitudes from 1,400 m to 4,200 m
(4,593 ft to 13,780 ft) it is 0°C to 40°C (32 °F to 104 °F).
When the operating mode is set to "Eco", or "Long Life 1/2/3", the operating
temperature range is 0°C to 40°C (32 °F to 104 °F).
When the projector is used with a Smoke Cut Filter, the operating temperature
range is 0°C to 35°C (32 °F to 95 °F).
Furthermore, when the operating mode is set to "Eco", or "Long Life 1/2/3",
the projector cannot be used at altitudes above 2,700 m (8,858 ft). In addition,
when the projector is used with a Smoke Cut Filter, it cannot be used at altitudes
above 1,400 m (4,593 ft). The brightness of the light source may drop depending
on the operating environment and the operating temperature range in order to
protect the projector.
PT-
RQ13K
3-Chip DLP™ Projector
As of September 2016
5/19
SFD15M032-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com