Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RQ13K Datasheet(PDF) 16 Page - Panasonic Semiconductor

Part # PT-RQ13K
Description  3-Chip DLP??Projector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RQ13K Datasheet(HTML) 16 Page - Panasonic Semiconductor

Back Button PT-RQ13K Datasheet HTML 11Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 12Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 13Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 14Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 15Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 16Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 17Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 18Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 19Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
PT-
RQ13K
3-Chip DLP™ Projector
As of September 2016
16/19
SFD15M032-1
List of plug and play compatible signals
The following table specifies the video signals compatible with plug and play.
Signal with
in the plug and play compatible signal column is the signal described in the EDID
(extended display identification data) of the projector. For the signal without
in the plug and
play compatible signal column, the resolution may not be selected on the computer even if the
projector is supporting it.
712 x 483i
702 x 575i
720
(1440)x 480i*3
720
(1440)x 576i*3
720 x 480
720 x 576
1280 x 720
1280 x 720
1920 x 1080i
1920 x 1080i
1920 x 1080
1920 x 1080i
1920 x 1080
1920 x 1080
1920 x 1080
1920 x 1080
1920 x 1080
1920 x 1080
2048 x 1080
2048 x 1080
2048 x 1080
2048 x 1080
2048 x 1080
2048 x 1080
2048 x 1080
2048 x 1080
2048 x 1080
3840 x 2160
3840 x 2160i
3840 x 2160
3840 x 2160i
3840 x 2160
3840 x 2160i
3840 x 2160
3840 x 2160
3840 x 2160
3840 x 2160
3840 x 2 400
3840 x 2 400
4096 x 2160
4096 x 2160i
4096 x 2160
4096 x 2160i
4096 x 2160
4096 x 2160i
4096 x 2160
4096 x 2160
4096 x 2160
4096 x 2160
15.7
15.6
15.7
15.6
31.5
31.3
45.0
37.5
33.8
28.1
27.0
27.0
28.1
28.1
33.8
33.8
67.5
56.3
27.0
27.0
28.1
28.1
33.8
33.8
54.0
67.5
56.3
54.0
54.0
56.3
56.3
67.5
67.5
135.0
135.0
112.5
112.5
74.0
61.8
54.0
54.0
56.3
56.3
67.5
67.5
135.0
135.0
112.5
112.5
59.9
50.0
59.9
50.0
59.9
50.0
60.0
50.0
60.0
50.0
24.0
48.0
25.0
50.0
30.0
60.0
60.0
50.0
24.0
48.0
25.0
50.0
30.0
60.0
48.0
60.0
50.0
24.0
48.0
25.0
50.0
30.0
60.0
60.0
60.0
50.0
50.0
60.0
49.9
24.0
48.0
25.0
50.0
30.0
60.0
60.0
60.0
50.0
50.0
13.5
13.5
27.0
27.0
27.0
27.0
74.3
74.3
74.3
74.3
74.3
74.3
74.3
74.3
74.3
74.3
148.5
148.5
74.3
74.3
74.3
74.3
74.3
74.3
148.5
148.5
148.5
297.0
297.0
297.0
297.0
297.0
297.0
297.0
594.0
297.0
594.0
616.0
633.0
297.0
297.0
297.0
297.0
297.0
297.0
297.0
594.0
297.0
594.0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
*4
-
*4
-
-
-
-
-
-
*4
-
*4
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
*4
*4
-
-
-
-
-
*4
*4
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
DVI-D*2
DIGITAL LINK
HDMI*1
H
(KHz)
V
(Hz)
Signal format
Resolution
(Dots)
Dot
clock freq.
(MHz)
Plug and play compatible signal
Scanning freq.
EDID1:
4K/60p
EDID2:
4K/30p
EDID3:
2K
EDID1:
4K/60p
EDID2:
4K/30p
EDID3:
2K
EDID1
EDID2
EDID3
480i
576i
480i
576i
480p
576p
720/60p
720/50p
1080/60i
1080/50i
1080/24p
1080/24sF
1080/25p
1080/25sF
1080/30p
1080/30sF
1080/60p
1080/50p
2K/24p
2K/24sF
2K/25p
2K/25sF
2K/30p
2K/30sF
2K/48p
2K/60p
2K/50p
3840 x 2160/24p
3840 x 2160/24sF
3840 x 2160/25p
3840 x 2160/25sF
3840 x 2160/30p
3840 x 2160/30sF
3840 x 2160/60p
3840 x 2160/50p
3840 x 2400/60p
3840 x 2400/50p
4096 x 2160/24p
4096 x 2160/24sF
4096 x 2160/25p
4096 x 2160/25sF
4096 x 2160/30p
4096 x 2160/30sF
4096 x 2160/60p
4096 x 2160/50p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com