Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RQ13K Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # PT-RQ13K
Description  3-Chip DLP??Projector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RQ13K Datasheet(HTML) 4 Page - Panasonic Semiconductor

  PT-RQ13K Datasheet HTML 1Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 2Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 3Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 4Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 5Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 6Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 7Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 8Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Power cord length
3.0 m (9
10 in)
SDI IN 3
BNC ×1,
3G/HD/SD-SDI input, Dual-link input (LINK-A) ,
Quad-link input
SD-SDI signal
 SMPTE ST 259 compliant
HD-SDI signal
 SMPTE ST 292 compliant
3G-SDI signal
 SMPTE ST 424 compliant
Dual-link HD-SDI signal SMPTE ST 372 compliant
Dual-link 3G-SDI signal SMPTE ST 425 compliant
Quad-link HD-SDI signal
Quad-link 3G-SDI signal SMPTE ST 425 compliant
SDI IN 4
BNC ×1,
3G/HD/SD-SDI input, Dual-link input (LINK-B) ,
Quad-link input
SD-SDI signal
 SMPTE ST 259 compliant
HD-SDI signal
 SMPTE ST 292 compliant
3G-SDI signal
 SMPTE ST 424 compliant
Dual-link HD-SDI signal SMPTE ST 372 compliant
Dual-link 3G-SDI signal SMPTE ST 425 compliant
Quad-link HD-SDI signal
Quad-link 3G-SDI signal SMPTE ST 425 compliant
Frame Sync IN/OUT
BNC x 1, (frame-synchronizing timing signal)
Frame Sync OUT
BNC x 1, (frame-synchronizing timing signal)
SERIAL IN
D-sub 9-pin (female) x 1 for external control (RS-232C compliant)
SERIAL OUT
D-sub 9-pin (male) x 1 for link control
REMOTE
1 IN/OUT
M3 x 1 for link control (for wired remote control)
REMOTE
2 IN
D-sub 9-pin (female) x 1 for external control (parallel)
DIGITAL LINK/LAN
RJ-45 x 1 (for network, DIGITAL LINK connection (HDBaseT™ compatible),
100Base-TX,compatible with Art-Net, PJLink™ (class 1), Deep Color, HDCP2.2)
Expansion Slot
x 2 (SLOT 1
,SLOT 2), SLOT NX (Compatible with Optional Board)
Installation
Terminals
SDI IN 1
BNC ×1,
3G/HD/SD-SDI input, Dual-link input (LINK-A) ,
Quad-link input
SD-SDI signal
 SMPTE ST 259 compliant
HD-SDI signal
 SMPTE ST 292 compliant
3G-SDI signal
 SMPTE ST 424 compliant
Dual-link HD-SDI signal SMPTE ST 372 compliant
Dual-link 3G-SDI signal SMPTE ST 425 compliant
Quad-link HD-SDI signal
Quad-link 3G-SDI signal SMPTE ST 425 compliant
SDI IN 2
BNC ×1,
3G/HD/SD-SDI input, Dual-link input (LINK-B) ,
Quad-link input
SD-SDI signal
 SMPTE ST 259 compliant
HD-SDI signal
 SMPTE ST 292 compliant
3G-SDI signal
 SMPTE ST 424 compliant
Dual-link HD-SDI signal SMPTE ST 372 compliant
Dual-link 3G-SDI signal SMPTE ST 425 compliant
Quad-link HD-SDI signal
Quad-link 3G-SDI signal SMPTE ST 425 compliant
from center of screen, powered
Horizontal
±29% (±19% with the ET
from center of screen, powered
Optical axis shift
Vertical
±59% (±44% with the ET-D75LE6), (+74-84% with the ET-D75LE90),
-D75LE6), (–12-16% with the ET-D75LE90),
NOTE: Optical axis shift function cannot be operated when used with the ET-D75LE50.
Ceiling/floor, front/rear
PT-
RQ13K
3-Chip DLP™ Projector
As of September 2016
4/19
SFD15M032-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com