Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RQ13K Datasheet(PDF) 17 Page - Panasonic Semiconductor

Part # PT-RQ13K
Description  3-Chip DLP??Projector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RQ13K Datasheet(HTML) 17 Page - Panasonic Semiconductor

Back Button PT-RQ13K Datasheet HTML 11Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 12Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 13Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 14Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 15Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 16Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 17Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 18Page - Panasonic Semiconductor PT-RQ13K Datasheet HTML 19Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
PT-
RQ13K
3-Chip DLP™ Projector
As of September 2016
17/19
SFD15M032-1
640 x 400
640 x 400
640 x 480
640 x 480
640 x 480
640 x 480
640 x 480
800 x 600
800 x 600
800 x 600
800 x 600
800 x 600
832 x 624
1024 x 768
1024 x 768
1024 x 768
1024 x 768
1024 x 768
1024 x 768
1024 x 768
1024 x 768
1152 x 864
1152 x 864
1152 x 864
1152 x 864
1152 x 870
1280 x 720
1280 x 720
1280 x 720
1280 x 720
1280 x 768
1280 x 768
1280 x 768
*5
1280 x 768
1280 x 768
1280 x 800
1280 x 800
1280 x 800
*5
1280 x 800
1280 x 800
1280 x 960
1280 x 1024
1280 x 1024
1280 x 1024
1280 x 1024
1280 x 1024
1280 x 1024
1366 x 768
1366 x 768
31.5
37.9
31.5
35.0
37.9
37.5
43.3
35.2
37.9
48.1
46.9
53.7
49.7
39.6
48.4
56.5
60.0
65.5
68.7
81.4
98.7
53.7
64.0
67.5
77.1
68.7
37.1
44.8
76.3
92.6
39.6
47.8
47.4
60.3
68.6
41.3
49.7
49.3
62.8
71.6
60.0
52.4
64.0
72.3
78.2
80.0
91.1
39.6
47.7
70.1
85.1
59.9
66.7
72.8
75.0
85.0
56.3
60.3
72.2
75.0
85.1
74.6
50.0
60.0
70.1
75.0
81.6
85.0
100.0
120.0
60.0
70.0
75.0
85.0
75.1
49.8
59.9
100.0
120.0
49.9
59.9
60.0
74.9
84.8
50.0
59.8
59.9
74.9
84.9
60.0
50.0
60.0
66.3
72.0
75.0
85.0
49.9
59.8
25.2
31.5
25.2
30.2
31.5
31.5
36.0
36.0
40.0
50.0
49.5
56.3
57.3
51.9
65.0
75.0
78.8
86.0
94.5
113.3
139.1
81.6
94.2
108.0
119.7
100.0
60.5
74.5
131.8
161.6
65.3
79.5
68.3
102.3
117.5
68.0
83.5
71.0
106.5
122.5
108.0
88.0
108.0
125.0
135.1
135.0
157.5
69.0
85.5
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
DVI-D*2
DIGITAL LINK
HDMI*1
H
(KHz)
V
(Hz)
Signal format
Resolution
(Dots)
Dot
clock freq.
(MHz)
Plug and play compatible signal
Scanning freq.
EDID1:
4K/60p
EDID2:
4K/30p
EDID3:
2K
EDID1:
4K/60p
EDID2:
4K/30p
EDID3:
2K
EDID1
EDID2
EDID3
640 x 400/70
640 x 400/85
640 x 480/60
640 x 480/67
640 x 480/73
640 x 480/75
640 x 480/85
800 x 600/56
800 x 600/60
800 x 600/72
800 x 600/75
800 x 600/85
832 x 624/75
1024 x 768/50
1024 x 768/60
1024 x 768/70
1024 x 768/75
1024 x 768/82
1024 x 768/85
1024 x 768/100
1024 x 768/120
1152 x 864/60
1152 x 864/70
1152 x 864/75
1152 x 864/85
1152 x 870/75
1280 x 720/50
1280 x 720/60
1280 x 720/100
1280 x 720/120
1280 x 768/50
1280 x 768/60
1280 x 768/75
1280 x 768/85
1280 x 800/50
1280 x 800/60
1280 x 800/75
1280 x 800/85
1280 x 960/60
1280 x 1024/50
1280 x 1024/60
1280 x 1024/66
1280 x 1024/72
1280 x 1024/75
1280 x 1024/85
1366 x 768/50
1366 x 768/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com