Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RZ970 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # PT-RZ970
Description  DLP Projectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RZ970 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  PT-RZ970 Datasheet HTML 1Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 2Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 3Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 4Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 5Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 6Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 7Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 8Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4/21
As of July 2016
SFD16M034
• When [GEOMETRY] is used, the focus of the entire screen may be lost as correction increases.
• Make the curved screen a circular arc shape with one part of a perfect circle removed.
• Adjustment range of the [GEOMETRY] items may not match the listed projection range depending
on the projection lens. Use this projector within the projection range, otherwise the correction may
not work.
Optical axis shift
Vertical: +50%, -16%(powered),
Horizontal: +30%, -10%(When using the ET-DLE085, +28%, -10
%) (powered)
Screen
Projection distance
Arc radius
Screen
Projection distance
Arc radius
Arc center
Screen
Projection distance
Arc radius
Arc center
Screen
Projection distance
Arc radius
Geometry correction range
Installation
Ceiling/floor, front/rear, 360 degree free installation
DLP™ Projector
PT-RZ970B/RZ970W/RZ970LB/RZ970LW
NOTE: Optical axis shift function cannot be operated when used with the ET-DLE055.
If using the ET-DLE030, the optical axis is fixed.
Terminals
SDI IN
HDMI IN
DVI-D IN
RGB 1 IN
R, G, B
Y,
Y,C
PB, PR (Y, CB, CR)
Video
RGB 2 IN
R, G, B
Y, PB, PR(Y, CB, CR)
BNC × 1,
3G-SDI signal: SMPTE ST 424 compliant
HD-SDI signal: SMPTE ST 292 compliant
SD-SDI signal: SMPTE ST 259 compliant
HDMI 19-pin × 1, Deep Color, compatible with HDCP,
DVI-D 24-pin x 1, DVI 1.0 compliant, compatible with HDCP,
for single link only
BNC ×5
R: 0.7 Vp-p, 75 ohms,
G: 0.7 Vp-p (G: 1.0 Vp-p for sync on G), 75 ohms,
B: 0.7 Vp-p, 75 ohms
HD, VD/SYNC: TTL, high impedance, positive/negative automatic
Y:
Y: 1.0 Vp-p, C: 0.286 Vp-p, 75 ohms
1.0 Vp-p (including sync signal), PB/PR (CB/CR): 0.7 Vp-p, 75 ohms
1.0Vp-p, 75 ohms
D-sub HD 15-pin (female) ×1
R: 0.7 Vp-p, 75 ohms,
G: 0.7 Vp-p (G: 1.0 Vp-p for sync on G), 75 ohms,
B: 0.7 Vp-p, 75 ohms
HD, VD/SYNC: TTL, high impedance, positive/negative automatic
Y: 1.0 Vp-p (including sync signal), PB/PR(CB/CR): 0.7 Vp-p, 75 ohms
REMOTE 2 IN
D-sub 9-pin (female) x1 for external control (parallel)
SERIAL/MULTI
PROJECTOR SYNC IN
SERIAL/MULTI
PROJECTOR SYNC OUT
REMOTE 1 IN
REMOTE 1 OUT
D-sub 9-pin (female) ×1 for external control (RS-232C compliant)
D-sub 9-pin (male) x 1 for link control
M3 jack x 1 for wired remote control
M3 jack x 1 for link control (for wired remote control)
LAN/DIGITAL LINK
RJ-45 x 1 for network and DIGITAL LINK (video/network/serial control)
connection, 100Base-TX, compliant with PJLink™(Class 1)
Deep Color, HDCP
Vertical arc correction (viewed from the side)
Horizontal arc correction (viewed from above)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com