Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RZ970 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # PT-RZ970
Description  DLP Projectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RZ970 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button PT-RZ970 Datasheet HTML 5Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 6Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 7Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 8Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 9Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 10Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 11Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 12Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9/21
As of July 2016
SFD16M034
DLP™ Projector
PT-RZ970B/RZ970W/RZ970LB/RZ970LW
Screen size
(diagonal)
min.
max.
min.
max.
Zoom
Zoom
lenses
Fixed-focus
Fixed-
focus
lens
Distance to screen (L)Height from the edge
of screen to
center of lens (H)
min.
max.
min.
max.
min.
max.
ET-DLE150
Zoom lens
min.
max.
ET-DLE085
Zoom lens
ET-DLE250
Zoom lens
ET-DLE350
Zoom lens
ET-DLE450
Zoom lens
ET-DLE055
Fixed-focus
lens
1.27
1.52
1.78
2.03
2.29
2.54
3.05
3.81
5.08
6.35
7.62
10.16
12.70
15.24
[m][in]
50
60
70
80
90
100
120
150
200
250
300
400
500
600
/
/
/
/
/
/
/
/
/
/
/
/
/
/
–
–
–
–
–
–
–
–
–
–
–
–
–
–
-0.06
-0.08
-0.09
-0.10
-0.11
-0.13
-0.15
-0.19
-0.25
-0.31
-0.37
-0.50
-0.62
-0.75
0.46
0.55
0.64
0.73
0.82
0.91
1.10
1.37
1.83
2.28
2.74
3.65
4.57
5.48
0.85
1.03
1.21
1.39
1.57
1.75
2.11
2.65
3.55
–
–
–
–
–
0.31
0.37
0.44
0.50
0.56
0.62
0.75
0.93
1.25
–
–
–
–
–
2.07
2.49
2.92
3.34
3.77
4.19
5.04
6.31
8.43
10.55
12.67
16.91
21.15
25.39
1.07
1.29
1.51
1.73
1.95
2.17
2.62
3.28
4.39
5.50
6.61
8.83
11.05
13.27
2.64
3.19
3.73
4.28
4.82
5.36
6.45
8.08
10.80
13.51
16.23
27.10
32.53
21.66
3.98
4.79
5.60
6.41
7.22
8.03
9.65
12.08
16.14
20.19
24.25
32.35
40.46
48.57
5.98
7.20
8.43
9.65
10.87
12.09
14.54
18.21
24.32
30.44
36.55
48.78
61.01
73.24
9.39
11.32
13.26
15.20
17.13
19.07
22.94
28.75
38.44
48.12
57.81
77.18
96.55
115.92
1.42
1.71
2.00
2.30
2.59
2.89
3.47
4.36
5.83
7.29
8.76
11.70
14.64
17.58
0.85
1.03
1.21
1.39
1.57
1.75
2.10
2.64
3.54
4.43
5.33
7.12
8.91
10.71
1.87
2.26
2.65
3.04
3.43
3.82
4.60
5.76
7.71
9.65
11.60
19.38
23.27
15.49
2.49
3.00
3.51
4.03
4.54
5.05
6.08
7.62
10.19
12.76
15.32
20.46
25.59
30.72
3.91
4.72
5.53
6.34
7.15
7.96
9.58
12.00
16.05
20.10
24.14
32.24
40.33
48.42
5.82
7.05
8.28
9.50
10.73
11.95
14.40
18.08
24.20
30.33
36.45
48.71
60.96
73.21
Screen size
(diagonal)
min.
max.
min.
max.
Zoom
Zoom
lenses
Fixed-focus
Fixed-
focus
lens
Distance to screen (L)Height from the edge
of screen to
center of lens (H)
min.
max.
min.
max.
min.
max.
ET-DLE150
Zoom lens
min.
max.
ET-DLE085
Zoom lens
ET-DLE250
Zoom lens
ET-DLE350
Zoom lens
ET-DLE450
Zoom lens
ET-DLE055
Fixed-focus
lens
1.27
1.52
1.78
2.03
2.29
2.54
3.05
3.81
5.08
6.35
7.62
10.16
12.70
15.24
[m][in]
50
60
70
80
90
100
120
150
200
250
300
400
500
600
/
/
/
/
/
/
/
/
/
/
/
/
/
/
–
–
–
–
–
–
–
–
–
–
–
–
–
–
-0.2
-0.2
-0.3
-0.3
-0.4
-0.4
-0.5
-0.6
-0.8
-1.0
-1.2
-1.6
-2.0
-2.5
1.5
1.8
2.1
2.4
2.7
3.0
3.6
4.5
6.0
7.5
9.0
12.0
15.0
18.0
2.8
3.4
4.0
4.6
5.2
5.7
6.9
8.7
11.7
–
–
–
–
–
1.0
1.2
1.4
1.6
1.8
2.0
2.5
3.1
4.1
–
–
–
–
–
6.8
8.2
9.6
11.0
12.4
13.8
16.5
20.7
27.7
34.6
41.6
55.5
69.4
83.3
3.5
4.2
5.0
5.7
6.4
7.1
8.6
10.8
14.4
18.1
21.7
29.0
36.3
43.5
8.7
10.5
12.2
14.0
15.8
17.6
21.2
26.5
35.4
44.3
53.2
71.1
88.9
13.0
15.7
18.4
21.0
23.7
26.3
31.7
39.6
52.9
66.2
79.5
106.1
132.7
159.4
19.6
23.6
27.6
31.7
35.7
39.7
47.7
59.7
79.8
99.9
119.9
160.0
200.2
240.3
30.8
37.1
43.5
49.9
56.2
62.6
75.3
94.3
126.1
157.9
189.7
253.2
316.8
380.3
4.6
5.6
6.6
7.5
8.5
9.5
11.4
14.3
19.1
23.9
28.8
38.4
48.0
57.7
2.8
3.4
4.0
4.6
5.1
5.7
6.9
8.7
11.6
14.5
17.5
23.4
29.2
35.1
6.1
7.4
8.7
10.0
11.2
12.5
15.1
18.9
25.3
31.7
38.1
50.8
63.6
106.7
76.4
8.2
9.8
11.5
13.2
14.9
16.6
20.0
25.0
33.4
41.8
50.3
67.1
84.0
100.8
12.8
15.5
18.1
20.8
23.5
26.1
31.4
39.4
52.7
65.9
79.2
105.8
132.3
158.9
19.1
23.1
27.1
31.2
35.2
39.2
47.2
59.3
79.4
99.5
119.6
159.8
200.0
240.2
Unit: feet
Unit: meters
• The value for L (distance to screen) varies slightly within ±5% depending on the zoom lens characteristics.
• The zoom lens characteristics may cause slight image distortion.
• When vertical keystone correction is used, the image is corrected in the direction that reduces its projected size.
• The brightness varies depending on the zoom setting.
Note: When the ET-DLE055 is mounted, the optical lens shift function cannot be used.
Projection distance for 16:9 aspect ratio screen (If using other than the ET-DLE030)
Supplied lens/ET-DLE170
Zoom lens
Supplied lens/ET-DLE170
Zoom lens



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com