Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RZ970 Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # PT-RZ970
Description  DLP Projectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RZ970 Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button PT-RZ970 Datasheet HTML 10Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 11Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 12Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 13Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 14Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 15Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 16Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 17Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 18Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14/2 1
As of July 2016
SFD16M034
DLP™ Projector
PT-RZ970B/RZ970W/RZ970LB/RZ970LW
Unit : meters
100
120
150
200
250
300
350
100
120
150
200
250
300
350
2.54
3.05
3.81
5.08
6.35
7.62
8.89
1.52
1.83
2.29
3.05
3.81
4.57
5.33
2.03
2.44
3.05
4.06
5.08
6.10
7.11
Unit : feet
2.54
3.05
3.81
5.08
6.35
7.62
8.89
5.0
6.0
7.5
10.0
12.5
15.0
17.5
6.7
8.0
10.0
13.3
16.7
20.0
23.3
Throw ratio
Diagonal
image
size
(Inches)
Diagonal
image
size
(m)
Height
(SH)
Width
(SW)
Ultra-short focal length lens
ET-DLE030
Close-up system dimensions
Throw ratio
Diagonal
image
size
(Inches)
Diagonal
image
size
(m)
Height
(SH)
Width
(SW)
Ultra-short focal length lens
ET-DLE030
Close-up system dimensions
Projection Distance Calculation Table
Screen aspect ratio 4:3
Projection distance calculation formula
Calculation formula for distance from top of set to bottom edge of screen
L1: Projection distance
(from screen to mirror reflective surface)
L3: From screen to front of set
L4: From screen to rear of set
A1: From bottom edge of screen to top of set
A2: From bottom edge of screen to bottom of set
* The value for L1 may contain an error of within ±5%.
* When using vertical keystone correction, the images will be corrected so that they will tend to be smaller than the specified screen size.
* This measurement is not the distance between the rear of the projector and the wall, but is instead the distance between the rear of the projector and the screen surface.
Leave at least 500 mm of space between the rear of the projector and the wall and any other objects in order to provide adequate ventilation space. If setting up the
projector in a closed room, be sure to provide separate air conditioning and ventilation equipment. If there is insufficient ventilation in the room, radiated heat may build up
and cause the protection circuit of the projector to operate.
L1 (m) = 0.3628 x Diagonal image size + 0.0047
A1 (m) = 0.2238 x Diagonal image size - 0.07210
Projection distance for 4:3 aspect ratio screen (If using the ET-DLE030)
A1
A2
L4
L1
L3
0.93
0.76
0.22
0.50
0.70
1.11
0.94
0.41
0.61
0.81
1.39
1.22
0.68
0.78
0.98
1.85
1.68
1.14
1.07
1.27
2.31
2.14
1.60
1.35
1.55
2.77
2.60
2.07
1.63
1.83
3.23
3.06
2.53
1.92
2.12
3.0
2.5
0.7
1.6
2.3
3.6
3.1
1.3
2.0
2.7
4.6
4.0
2.2
2.6
3.2
6.1
5.5
3.8
3.5
4.2
7.6
7.0
5.3
4.4
5.1
9.1
8.5
6.8
5.4
6.0
10.6
10.1
8.3
6.3
6.9
0.46:1
From bottom of set
to bottom edge of
screen (A2)
From top of set to
bottom edge of
screen (A1)
From rear of
set to screen
(L4)
From front of
set to screen
(L3)
Projection distance
(From mirror reflective
surface to screen)
(L1)
0.46:1
From bottom of set
to bottom edge of
screen (A2)
From top of set to
bottom edge of
screen (A1)
From rear of
set to screen
(L4)
From front of
set to screen
(L3)
Projection distance
(From mirror reflective
surface to screen)
(L1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com