Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RZ970 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # PT-RZ970
Description  DLP Projectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RZ970 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PT-RZ970 Datasheet HTML 1Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 2Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 3Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 4Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 5Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 6Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 7Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 8Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
As of July 2016
2/21
SFD16M034
LCDpanel
Panel size
Display method
Pixels
PT-RZ970B/W
PT-RZ970LB/LW
Powered zoom/focus lenses (1.7–2.4:1), F 1.7–1.9, f 25.6–35.7 mm
Optional powered zoom/focus lenses and xed-focus lens
Lens
Brightness*3
Center-to-corner uniformity*3
Contrast*3
Resolution
17.0 mm (0.67 in) diagonal (16:10 aspect ratio)
DLP™ chip × 1, DLP™ system
2,304,000 (1920 × 1200) × 1, total of 1,024,000 pixels
Light source
10,000 lumens (Center)*2/ 9,400 lumens*3
9,400 lumens (Half luminance) (NORMAL)
7,500 lumens (Half luminance) (ECO)
3,700 lumens (Constant luminance) (LONG LIFE1)
3,100 lumens (Constant luminance) (LONG LIFE2)
2,500 lumens (Constant luminance) (LONG LIFE3)
90%
10,000:1 (All White/All Black) (Dynamic Contrast3)
1920 × 1200 pixels
Laser Diode Laser class 1(Class3R for US models)
Luminance life for set: 20,000 hours at half luminance (normal)/
24,000 hours at half luminance (Eco)
* Temperature: 30°C
(86°F), Altitude 700m (2,297 ft), Dust: 0.15mg/m3
Dynamic Contrast3
43,800 hours at constant luminance (LONG LIFE1)
61,320 hours at constant luminance (LONG LIFE2)
87,600 hours at constant luminance (LONG LIFE3)
BTU value
Max 3,584 BTU
Screen size
1.27– 15.24 m (50– 600 inches) (16:10 aspect ratio)
*1.27 – 5.08 m (50 – 200 inches) with the ET-DLE055 (16:10 aspect ratio)
*2.54 – 7.62 m (100 – 350 inches) with the ET-DLE030 (16:10 aspect ratio)
HDMI/DVI-D
fH: 15- 100kHz, fV: 24 - 120Hz, dot clock: 25 - 162 MHz
525i (480i)*4, 625i (576i)*4, 525p (480p), 625p (576p), 750 (720)/60p,
750 (720)/50p, 1125 (1080)/60i, 1125 (1080)/50i, 1125 (1080)/25p,
1125 (1080)/24p, 1125 (1080)/24sF, 1125 (1080)/30p, 1125 (1080)/60p,
1125 (1080)/50p, VGA (640 x 480) - WUXGA (1920 x 1200) compatible
with non-interlaced signals only
Scanning frequency
SDI
3G-SDI signal (RGB 4:4:4 12-bit/10-bit):
SMPTE ST 424 compliant: 1125(1080)/60i, 1125(1080)/50i,
1125(1080)/25p, 1125(1080)/24p, 1125(1080)/24sF, 1125(1080)/30p,
[2K/24p], [2K/25p], [2K/30p]
3G-SDI signal (YPBPR4:2:2 10-bit):
SMPTE ST 424 compliant: 1125(1080)/60p, 1125(1080)/50p,
[2K/48p], [2K/50p], [2K/60p]
HD-SDI signal (YPBPR4:2:2 10-bit):
SMPTE ST 292 compliant: 750(720)/60p, 750(720)/50p,
1125(1080)/60i, 1125(1080)/50i, 1125(1080)/25p, 1125(1080)/24p,
1125(1080)/24sF, 1125(1080)/30p
SD-SDI signal (YCBCR4:2:2 10-bit):
SMPTE ST 259 compliant: 525i(480i), 625i(576i)
Main unit
Power supply
AC100 - 240V 10.4-5.0A 50Hz/60Hz
Specications
Power consumption
1,050W
DLP™ Projector
PT-RZ970B/RZ970W/RZ970LB/RZ970LW
NORMAL: 742W ECO: 617W LONG LIFE1: 410-588
LONG LIFE 2: 375-588W LONG LIFE 3: 349-588W SHUTTER: 82W
STANDBY MODE [ECO]*1: 0.2W STANDBY MODE [NORMAL]: 3W
STANDBY MODE (When the [QUICK STARTUP] function is enabled): Approx. 85 W
*Operating Temperature: 25 °C (77 °F), Altitude: 700m (2,297 ft),
ICE62087: 2008 Broadcast contents,
Picture mode: Standard, Dynamic Contrast2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com