Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RZ970 Datasheet(PDF) 15 Page - Panasonic Semiconductor

Part # PT-RZ970
Description  DLP Projectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RZ970 Datasheet(HTML) 15 Page - Panasonic Semiconductor

Back Button PT-RZ970 Datasheet HTML 11Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 12Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 13Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 14Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 15Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 16Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 17Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 18Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 19Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15/2 1
As of July 2016
SFD16M034
DLP™ Projector
PT-RZ970B/RZ970W/RZ970LB/RZ970LW
Calculation of the projection distance
For a screen size different from the above, use the equation below to calculate the projection distance.
• Distances calculated with the above equations will include a slight error.
minimum
L (m) = (diagonal screen size in inches) × 0.0174 - 0.0471
maximum
L (m) = (diagonal screen size in inches) × 0.0216 - 0.0442
ET-DLE085
minimum
L (m) = (diagonal screen size in inches) × 0.0286 - 0.0540
maximum
L (m) = (diagonal screen size in inches) × 0.0413 - 0.0498
ET-DLE150
minimum
L (m) = (diagonal screen size in inches) × 0.0379 - 0.0746
maximum
L (m) = (diagonal screen size in inches) × 0.0529 - 0.0725
minimum
L (m) = (diagonal screen size in inches) × 0.0500 - 0.0800
maximum
L (m) = (diagonal screen size in inches) × 0.0789 - 0.0792
ET-DLE250
minimum
L (m) = (diagonal screen size in inches) × 0.0787 - 0.1351
maximum
L (m) = (diagonal screen size in inches) × 0.1190 - 0.1346
ET-DLE350
minimum
L (m) = (diagonal screen size in inches) × 0.1192 - 0.3017
maximum
L (m) = (diagonal screen size in inches) × 0.1885 - 0.2991
ET-DLE450
L1 (m) = (diagonal screen size in inches) × 0.0081 - 0.0047
L3 (m) = L1-0.166
L4 (m) = L1-0.704
ET-DLE030
(fixed focus)
(fixed focus)
L (m) = (diagonal screen size in inches) × 0.0175 - 0.0476
ET-DLE055
Aspect ratio 16:9
Aspect ratio 16:10
minimum
L (m) = (diagonal screen size in inches) × 0.0179 - 0.0471
maximum
L (m) = (diagonal screen size in inches) × 0.0222 - 0.0442
ET-DLE085
minimum
L (m) = (diagonal screen size in inches) × 0.0294 - 0.0540
maximum
L (m) = (diagonal screen size in inches) × 0.0424 - 0.0498
ET-DLE150
minimum
L (m) = (diagonal screen size in inches) × 0.0389 - 0.0746
maximum
L (m) = (diagonal screen size in inches) × 0.0543 - 0.0725
minimum
L (m) = (diagonal screen size in inches) × 0.0513 - 0.0800
maximum
L (m) = (diagonal screen size in inches) × 0.0811 - 0.0792
ET-DLE250
minimum
L (m) = (diagonal screen size in inches) × 0.0809 - 0.1351
maximum
L (m) = (diagonal screen size in inches) × 0.1223 - 0.1346
ET-DLE350
minimum
L (m) = (diagonal screen size in inches) × 0.1225 - 0.3017
maximum
L (m) = (diagonal screen size in inches) × 0.1937 - 0.2991
ET-DLE450
L1 (m) = (diagonal screen size in inches) × 0.0084 - 0.0047
L3 (m) = L1-0.166
L4 (m) = L1-0.704
ET-DLE030
(fixed focus)
(fixed focus)
L (m) = (diagonal screen size in inches) × 0.0180 - 0.0476
ET-DLE055
Aspect ratio 4:3
minimum
L (m) = (diagonal screen size in inches) × 0.0197 - 0.0471
maximum
L (m) = (diagonal screen size in inches) × 0.0244 - 0.0442
ET-DLE085
minimum
L (m) = (diagonal screen size in inches) × 0.0324 - 0.0540
maximum
L (m) = (diagonal screen size in inches) × 0.0467 - 0.0498
ET-DLE150
minimumL (m) = (diagonal screen size in inches) × 0.0429 - 0.0746
maximum
L (m) = (diagonal screen size in inches) × 0.0599 - 0.0725
minimum
L (m) = (diagonal screen size in inches) × 0.0565 - 0.0800
maximum
L (m) = (diagonal screen size in inches) × 0.0893 - 0.0792
ET-DLE250
minimum
L (m) = (diagonal screen size in inches) × 0.0891 - 0.1351
maximum
L (m) = (diagonal screen size in inches) × 0.1347 - 0.1346
ET-DLE350
minimum
L (m) = (diagonal screen size in inches) × 0.1349 - 0.3017
maximum
L (m) = (diagonal screen size in inches) × 0.2133 - 0.2991
ET-DLE450
L1 (m) = (diagonal screen size in inches) × 0.0092 - 0.0047
L3 (m) = L1-0.166
L4 (m) = L1-0.704
ET-DLE030
(fixed focus)
(fixed focus)
L (m) = (diagonal screen size in inches) × 0.0198 - 0.0476
ET-DLE055
Supplied lens/
ET-DLE170
Supplied lens/
ET-DLE170
Supplied lens/
ET-DLE170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com