Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RZ970 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # PT-RZ970
Description  DLP Projectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RZ970 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button PT-RZ970 Datasheet HTML 6Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 7Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 8Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 9Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 10Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 11Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 12Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 13Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10/2 1
As of July 2016
SFD16M034
DLP™ Projector
PT-RZ970B/RZ970W/RZ970LB/RZ970LW
Screen size
(diagonal)
min.
max.
min.
max.
Zoom
Zoom
lenses
Fixed-focus
Fixed-
focus
lens
Distance to screen (L)Height from the edge
of screen to
center of lens (H)
min.
max.
min.
max.
min.
max.
ET-DLE150
Zoom lens
min.
max.
ET-DLE085
Zoom lens
ET-DLE250
Zoom lens
ET-DLE350
Zoom lens
ET-DLE450
Zoom lens
ET-DLE055
Fixed-focus
lens
1.27
1.52
1.78
2.03
2.29
2.54
3.05
3.81
5.08
6.35
7.62
10.16
12.70
15.24
[m][in]
50
60
70
80
90
100
120
150
200
250
300
400
500
600
/
/
/
/
/
/
/
/
/
/
/
/
/
/
–
–
–
–
–
–
–
–
–
–
–
–
–
–
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.50
0.60
0.70
0.81
0.91
1.01
1.21
1.51
2.01
2.52
3.02
4.02
5.03
6.04
0.94
1.14
1.34
1.54
1.74
1.93
2.33
2.93
3.92
–
–
–
–
–
0.38
0.46
0.53
0.61
0.69
0.76
0.91
1.14
1.52
–
–
–
–
–
2.29
2.75
3.22
3.69
4.15
4.62
5.56
6.96
9.29
11.63
13.96
18.63
23.30
27.97
1.18
1.42
1.67
1.91
2.16
2.40
2.89
3.62
4.84
6.07
7.29
9.73
12.17
14.62
2.92
3.52
4.12
4.72
5.31
5.91
7.11
8.91
11.90
14.89
17.88
23.87
29.85
4.39
5.28
6.17
7.07
7.96
8.85
10.64
13.32
17.78
22.25
26.71
35.65
44.58
53.51
6.60
7.95
9.29
10.64
11.99
13.34
16.03
20.07
26.81
33.54
40.28
53.74
67.21
80.68
10.37
12.50
14.64
16.77
18.90
21.04
25.30
31.70
42.37
53.04
63.70
85.04
106.37
127.71
1.57
1.89
2.21
2.54
2.86
3.18
3.83
4.80
6.42
8.04
9.66
12.90
16.13
19.37
0.94
1.14
1.34
1.53
1.73
1.93
2.32
2.91
3.90
4.89
5.88
7.85
9.82
11.80
2.07
2.50
2.93
3.35
3.78
4.21
5.07
6.36
8.50
10.64
12.78
17.07
21.36
35.84
25.64
2.75
3.31
3.88
4.44
5.01
5.58
6.71
8.40
11.23
14.06
16.88
22.54
28.19
33.85
4.32
5.21
6.11
7.00
7.89
8.78
10.56
13.24
17.69
22.15
26.61
35.52
44.44
53.35
6.45
7.80
9.15
10.49
11.84
13.19
15.89
19.94
26.69
33.44
40.18
53.68
67.17
80.67
Screen size
(diagonal)
min.
max.
min.
max.
Zoom
Zoom
lenses
Fixed-focus
Fixed-
focus
lens
Distance to screen (L)Height from the edge
of screen to
center of lens (H)
min.
max.
min.
max.
min.
max.
ET-DLE150
Zoom lens
min.
max.
ET-DLE085
Zoom lens
ET-DLE250
Zoom lens
ET-DLE350
Zoom lens
ET-DLE450
Zoom lens
ET-DLE055
Fixed-focus
lens
1.27
1.52
1.78
2.03
2.29
2.54
3.05
3.81
5.08
6.35
7.62
10.16
12.70
15.24
[m][in]
50
60
70
80
90
100
120
150
200
250
300
400
500
600
/
/
/
/
/
/
/
/
/
/
/
/
/
/
–
–
–
–
–
–
–
–
–
–
–
–
–
–
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
1.7
2.0
2.3
2.6
3.0
3.3
4.0
5.0
6.6
8.3
9.9
13.2
16.5
19.8
3.1
3.7
4.4
5.0
5.7
6.3
7.6
9.6
12.8
–
–
–
–
–
1.3
1.5
1.8
2.0
2.3
2.5
3.0
3.8
5.0
–
–
–
–
–
7.5
9.0
10.6
12.1
13.6
15.2
18.2
22.8
30.5
38.1
45.8
61.1
76.5
91.8
3.9
4.7
5.5
6.3
7.1
7.9
9.5
11.9
15.9
19.9
23.9
31.9
39.9
48.0
9.6
11.5
13.5
15.5
17.4
19.4
23.3
29.2
39.0
48.9
58.7
78.3
97.9
14.4
17.3
20.3
23.2
26.1
29.0
34.9
43.7
58.3
73.0
87.6
116.9
146.2
175.5
21.7
26.1
30.5
34.9
39.3
43.8
52.6
65.8
87.9
110.0
132.1
176.3
220.5
264.7
34.0
41.0
48.0
55.0
62.0
69.0
83.0
104.0
139.0
174.0
209.0
279.0
349.0
419.0
5.1
6.2
7.3
8.3
9.4
10.4
12.6
15.8
21.1
26.4
31.7
42.3
52.9
63.6
3.1
3.7
4.4
5.0
5.7
6.3
7.6
9.6
12.8
16.0
19.3
25.8
32.2
38.7
6.8
8.2
9.6
11.0
12.4
13.8
16.6
20.8
27.9
34.9
41.9
56.0
70.1
117.6
84.1
9.0
10.9
12.7
14.6
16.4
18.3
22.0
27.6
36.8
46.1
55.4
73.9
92.5
111.0
14.2
17.1
20.0
23.0
25.9
28.8
34.7
43.4
58.0
72.7
87.3
116.5
145.8
175.0
21.1
25.6
30.0
34.4
38.9
43.3
52.1
65.4
87.6
109.7
131.8
176.1
220.4
264.7
Unit: feet
Unit: meters
• The value for L (distance to screen) varies slightly within ±5% depending on the zoom lens characteristics.
• The zoom lens characteristics may cause slight image distortion.
• When vertical keystone correction is used, the image is corrected in the direction that reduces its projected size.
• The brightness varies depending on the zoom setting.
Note: When the ET-DLE055 is mounted, the optical lens shift function cannot be used.
Projection distance for 4:3 aspect ratio screen (If using other than the ET-DLE030)
Supplied lens/ET-DLE170
Zoom lens
Supplied lens/ET-DLE170
Zoom lens



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com