Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RZ970 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # PT-RZ970
Description  DLP Projectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RZ970 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button PT-RZ970 Datasheet HTML 4Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 5Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 6Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 7Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 8Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 9Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 10Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 11Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8/21
As of July 2016
SFD16M034
DLP™ Projector
PT-RZ970B/RZ970W/RZ970LB/RZ970LW
1.27
1.52
1.78
2.03
2.29
2.54
3.05
3.81
5.08
6.35
7.62
10.16
12.70
15.24
Screen size
(diagonal)
min.
max.
min.
max.
Zoom
Zoom
lenses
Fixed-focus
Fixed-
focus
lens
Distance to screen (L)Height from the edge
of screen to
center of lens (H)
min.
max.
min.
max.
min.
max.
ET-DLE150
Zoom lens
min.
[m][in]
max.
ET-DLE085
Zoom lens
Supplied lens/ET-DLE170
Zoom lens
ET-DLE250
Zoom lens
ET-DLE350
Zoom lens
ET-DLE450
Zoom lens
ET-DLE055
Fixed-focus
lens
50
60
70
80
90
100
120
150
200
250
300
400
500
600
/
/
/
/
/
/
/
/
/
/
/
/
/
/
–
–
–
–
–
–
–
–
–
–
–
–
–
–
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.44
0.53
0.62
0.71
0.80
0.89
1.07
1.33
1.78
2.22
2.67
3.55
4.44
5.33
0.83
1.00
1.18
1.35
1.53
1.70
2.05
2.58
3.45
–
–
–
–
–
0.34
0.40
0.47
0.54
0.61
0.67
0.81
1.01
1.35
–
–
–
–
–
2.01
2.43
2.84
3.25
3.66
4.08
4.90
6.14
8.20
10.26
12.33
16.45
20.58
24.70
1.04
1.25
1.47
1.68
1.90
2.11
2.55
3.19
4.27
5.35
6.43
8.59
10.75
12.91
2.57
3.10
3.63
4.16
4.69
5.21
6.27
7.86
10.50
13.15
15.79
26.36
31.65
21.08
3.87
4.65
5.44
6.23
7.02
7.81
9.39
11.75
15.70
19.64
23.59
31.48
39.37
47.26
5.82
7.00
8.19
9.38
10.57
11.76
14.14
17.71
23.66
29.61
35.56
47.46
59.36
71.26
9.12
11.01
12.89
14.78
16.66
18.55
22.32
27.97
37.39
46.81
56.24
75.08
93.93
112.77
1.38
1.66
1.95
2.23
2.52
2.81
3.38
4.24
5.67
7.10
8.53
11.39
14.25
17.11
0.83
1.00
1.17
1.35
1.52
1.70
2.05
2.57
3.44
4.31
5.18
6.93
8.67
10.42
1.82
2.20
2.58
2.95
3.33
3.71
4.47
5.61
7.50
9.39
11.28
18.86
22.64
15.07
2.42
2.92
3.42
3.92
4.42
4.92
5.91
7.41
9.91
12.41
14.91
19.90
24.90
29.89
3.80
4.59
5.38
6.16
6.95
7.74
9.31
11.68
15.61
19.55
23.49
31.36
39.24
47.11
5.66
6.85
8.04
9.24
10.43
11.62
14.00
17.58
23.54
29.50
35.46
47.38
59.30
71.22
Screen size
(diagonal)
min.
max.
min.
max.
Zoom
Zoom
lenses
Fixed-focus
Fixed-
focus
lens
Distance to screen (L)Height from the edge
of screen to
center of lens (H)
min.
max.
min.
max.
min.
max.
ET-DLE150
Zoom lens
min.
max.
ET-DLE085
Zoom lens
Supplied lens/ET-DLE170
Zoom lens
ET-DLE250
Zoom lens
ET-DLE350
Zoom lens
ET-DLE450
Zoom lens
ET-DLE055
Fixed-focus
lens
1.27
1.52
1.78
2.03
2.29
2.54
3.05
3.81
5.08
6.35
7.62
10.16
12.70
15.24
[m][in]
50
60
70
80
90
100
120
150
200
250
300
400
500
600
/
/
/
/
/
/
/
/
/
/
/
/
/
/
–
–
–
–
–
–
–
–
–
–
–
–
–
–
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
1.5
1.7
2.0
2.3
2.6
2.9
3.5
4.4
5.8
7.3
8.7
11.7
14.6
17.5
2.7
3.3
3.9
4.4
5.0
5.6
6.7
8.5
11.3
–
–
–
–
–
1.1
1.3
1.6
1.8
2.0
2.2
2.7
3.3
4.4
–
–
–
–
–
6.6
8.0
9.3
10.7
12.0
13.4
16.1
20.1
26.9
33.7
40.4
54.0
67.5
81.0
3.4
4.1
4.8
5.5
6.2
6.9
8.4
10.5
14.0
17.6
21.1
28.2
35.3
42.3
8.4
10.2
11.9
13.6
15.4
17.1
20.6
25.8
34.5
43.1
51.8
86.5
103.8
69.1
12.7
15.3
17.9
20.4
23.0
25.6
30.8
38.6
51.5
64.4
77.4
103.3
129.2
155.0
19.1
23.0
26.9
30.8
34.7
38.6
46.4
58.1
77.6
97.1
116.7
155.7
194.7
233.8
29.9
36.1
42.3
48.5
54.7
60.8
73.2
91.8
122.7
153.6
184.5
246.3
308.2
370.0
4.5
5.5
6.4
7.3
8.3
9.2
11.1
13.9
18.6
23.3
28.0
37.4
46.7
56.1
2.7
3.3
3.9
4.4
5.0
5.6
6.7
8.4
11.3
14.1
17.0
22.7
28.5
34.2
6.0
7.2
8.5
9.7
10.9
12.2
14.7
18.4
24.6
30.8
37.0
61.9
74.3
49.4
7.9
9.6
11.2
12.8
14.5
16.1
19.4
24.3
32.5
40.7
48.9
65.3
81.7
98.1
12.5
15.1
17.6
20.2
22.8
25.4
30.6
38.3
51.2
64.1
77.1
102.9
128.7
154.6
18.6
22.5
26.4
30.3
34.2
38.1
45.9
57.7
77.2
96.8
116.3
155.4
194.6
233.7
Projection distance for 16:10 aspect ratio screen (If using other than the ET-DLE030)
Unit: feet
Unit: meters
•The value for L (distance to screen) varies slightly within ±5% depending on the zoom lens characteristics.
•The zoom lens characteristics may cause slight image distortion.
•When vertical keystone correction is used, the image is corrected in the direction that reduces its projected size.
•The brightness varies depending on the zoom setting.
Note: When the ET-DLE055 is mounted, the optical lens shift function cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com