Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-RZ970 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # PT-RZ970
Description  DLP Projectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RZ970 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  PT-RZ970 Datasheet HTML 1Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 2Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 3Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 4Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 5Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 6Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 7Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 8Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/21
As of July 2016
SFD16M034
DLP™ Projector
PT-RZ970B/RZ970W/RZ970LB/RZ970LW
Supplied accessories
Optional accessories
Digital interface box
Zoom
ET-DLE170 (same as supplied lens)
lens (1.3– 1.9:1)
Zoom lens (2.3– 3.6:1)
Zoom lens (3.6– 5.4:1)
Zoom lens (5.4– 8.6:1)
Fixed-focus lens (0.8:1)
Fixed-focus lens (0.38:1)
Ceiling mount bracket
Power cord with secure lock (× 1) (× 2 for EU models)
Wireless/wired remote control unit (× 1)
Batteries for remote control (R03/AAA type×2)
Software CD-ROM (Logo Transfer Software, Multi Monitoring
& Control Software) (× 1)
Lens Mount Cover (× 1)
Lens cover (× 1) (Only models with lens)
ET-YFB100G
Digital LINK Switcher
ET-YFB200G
Zoom
Zoom lens (1.7– 2.4:1)
lens (0.8–1.0:1)
ET-DLE085
ET-DLE150
ET-DLE250
ET-DLE350
ET-DLE450
ET-DLE030
ET-DLE055
ET-PKD120H (for high ceilings)
ET-PKD120S (for low ceilings)
High-ceiling mount bracket
(6-axis adjustment mechanism)
ET-PKD130H
Remote control unit
Power supply
Operation range
Dimensions (W × H × D)
Weight*7
3 V DC (R03/AAA type battery × 2)
Approx. 30 m (98 ft 5 in) when operated from directly in front of the
signal receptor
48 × 145 × 27 mm (1-57/64 × 5-45/64 × 1-3/64 in)
Approx. 102 g (3.6 oz) including batteries
Geometry Manager Pro Upgrade kit
Attachment for ceiling mount bracket
Auto Screen Adjustment Upgrade kit
ET-PKD130B
ET
ET-CUK10
-UK20
Early Warning Software
* The symbol at the end of the part number will vary depending on the type of license.
ET-SWA100*
*1 When the STANDBY MODE is set to Eco, network functions such as power on over the LAN will not operate.
*2 The value of the light output at the center region of the projected image is extracted based on the light output measurement method defined by
the ISO/IEC 21118:2012 international standards.
*3 Measurement, measuring conditions, and method of notation all comply with ISO 21118 international standards.
*4 Only compatible with dot clock frequency of 27 MHz (pixel repetition signal).
*5 with legs at shortest position.
*6 Limits the luminance when used in locations from 0m to 2,700m (0ft to 8,858ft) above sea level at ambient temperatures of 35°C (95°F) or higher,
or from 2,700m to 4,200m (8,858ft to 13,780ft) above sea level at ambient temperatures of 25°C (77°F) or higher.
*7 Average value. May differ depending on models.
Power cord length
Cabinet materials
Dimensions (W × H × D) PT-RZ970B/RZ970W
PT-RZ970LB/RZ970LW
Weight
PT-RZ970B/RZ970W
PT-RZ970LB/RZ970LW
Operation noise
Operating temperature
Operating humidity
3.0 m (9 ft 10 in)
Molded plastic
498 x 200*5 x 581mm
(19-19/32 x 7-7/8*5 x 22-7/8in ) with supplied lens
498 x 200*5 x 538 mm
(19-19/32 x 7-7/8*5 x 21-3/16in) without lens
Approx. 23.2kg (51.1lbs) with supplied lens
Approx. 22.4kg (49.4lbs) without lens
41 dB
0– 45 °C (32–113 °F)*6
10%– 80% (no condensation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com