Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA9155M
Description  2.5 A Companion Charger for rapid charging
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9155M Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA9155M Datasheet HTML 7Page - Dialog Semiconductor DA9155M Datasheet HTML 8Page - Dialog Semiconductor DA9155M Datasheet HTML 9Page - Dialog Semiconductor DA9155M Datasheet HTML 10Page - Dialog Semiconductor DA9155M Datasheet HTML 11Page - Dialog Semiconductor DA9155M Datasheet HTML 12Page - Dialog Semiconductor DA9155M Datasheet HTML 13Page - Dialog Semiconductor DA9155M Datasheet HTML 14Page - Dialog Semiconductor DA9155M Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
DA9155M
2.5 A Companion Charger for rapid charging
7.4
2-wire interface
Figure 3: 2-wire interface timing
Unless otherwise noted, the following is valid for TA = -40 to +85 ºC, VIN = 4.3 to 13.5 V, VBAT = 2.6 to 4.4 V
Table 10: 2-wire interface electrical characteristics
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Spike suppression (SCL,
SDA)
tSP
Fast/fast+ mode
0
50
ns
High speed mode
0
10
ns
Bus free time from STOP
to START condition
tBUF
0.5
µs
Bus line capacitive load
150
pF
Standard/Fast/Fast+ mode
SCL clock frequency
fSCL
Note 3
0
1000
kHz
Start condition setup
time
tSU_STA
0.26
us
Start condition hold time
tH_STA
0.26
us
SCL low time
tW_CL
0.5
us
SCL high time
tW_CH
0.26
us
2-wire SCL and SDA rise
time
tR
1000
ns
2-wire SCL and SDA fall
time
tR
300
ns
Data setup time
tSU_D
50
ns
Data hold-time
tH_D
0
ns
Stop condition setup
time
tSU_STO
0.26
us
High speed mode
SCL clock frequency
fSCL
Requires
VDDIO
≥ 1.8 V
(Note 3)
0
3400
kHz
Start condition setup
time
tSU_STA
160
ns
SDA
SCL
70%
30%
tF
tR
tBUF
70%
30%
1/fSCL
tSU_STA
tH_STA
tW_CH
tW_CL
tR
tF
tH_D
tSU_D
tSP
P
S
tSU_STO
Datasheet
v3.05
22-July-2016
CFR0011-120-00 Rev 5
11 of 36
© 2016 Dialog Semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com