Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA9155M
Description  2.5 A Companion Charger for rapid charging
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9155M Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA9155M Datasheet HTML 17Page - Dialog Semiconductor DA9155M Datasheet HTML 18Page - Dialog Semiconductor DA9155M Datasheet HTML 19Page - Dialog Semiconductor DA9155M Datasheet HTML 20Page - Dialog Semiconductor DA9155M Datasheet HTML 21Page - Dialog Semiconductor DA9155M Datasheet HTML 22Page - Dialog Semiconductor DA9155M Datasheet HTML 23Page - Dialog Semiconductor DA9155M Datasheet HTML 24Page - Dialog Semiconductor DA9155M Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
DA9155M
2.5 A Companion Charger for rapid charging
frequency fold back mode, where the switching frequency is stepwise reduced until a required duty
cycle can be achieved. Without the frequency fold back the duty cycle is limited by the Buck’s
minimum off-time.
It is recommended to configure the switching frequency to 1 MHz when operating with 5 V VIN.
10.4
Safety timer
DA9155M features a safety timer that is intended to disable the Buck converter in the event of
system malfunction during charging.
Whenever the Buck is enabled, either through the EN pin or from a register, the safety timer is
loaded with a pre-programmed value (TIMER_LOAD) and it starts decrementing. In normal operation
the application processor should periodically re-initialize the safety timer by writing a new value to the
TIMER_LOAD register. The value of the counter can be read from the TIMER_COUNT register.
However, if the timer reaches zero an event is asserted, and the Buck is automatically disabled. The
BUCK_EN register is cleared and the Buck is stopped by ramping down the output current at a rate
defined in SLEW_RATE. Resuming normal operation requires that the event is cleared.
10.5 VIN monitoring
VIN is monitored to detect a power supply insertion, and to ensure that VIN is within an acceptable
voltage range. The monitoring is illustrated in .
When VIN is below the VIN2BAT threshold DA9155M stays in the no-power mode. When VIN rises
above the VIN2BAT threshold, DA9155M moves to the reset mode where the internal supply and
reference are enabled.
VIN
VBAT
VIN_UV
IN2BAT
VBAT_OV
VBAT_UV
VREF
VIN_OV
VIN_DROP
Figure 18: VIN monitoring of DA9155M
In reset, disabled, and active mode, VIN is monitored against over- and undervoltage. If over- or
undervoltage is detected, an event is triggered (E_VIN_OV, E_VIN_UV), the BUCK_EN register is
cleared, and DA9155M moves to disabled mode. Re-enabling the Buck requires that the status and
event bits are cleared.
During charging VIN is monitored for weak charger or high impedance USB cable detection. If VIN
drops below the threshold VIN_DROP, an event is triggered (E_VIN_DROP) and the Buck is
automatically disabled. The BUCK_EN register is cleared and the Buck is stopped by ramping down
the output current at a rate defined in DEF_SLEW_RATE. The Buck does not start automatically
when the VIN rises above the threshold. Resuming normal operation requires that the status and
event bits are cleared. This feature is targeted for use cases where the VIN is above the standard
Datasheet
v3.05
22-July-2016
CFR0011-120-00 Rev 5
21 of 36
© 2016 Dialog Semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com