Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # DA9155M
Description  2.5 A Companion Charger for rapid charging
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9155M Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button DA9155M Datasheet HTML 10Page - Dialog Semiconductor DA9155M Datasheet HTML 11Page - Dialog Semiconductor DA9155M Datasheet HTML 12Page - Dialog Semiconductor DA9155M Datasheet HTML 13Page - Dialog Semiconductor DA9155M Datasheet HTML 14Page - Dialog Semiconductor DA9155M Datasheet HTML 15Page - Dialog Semiconductor DA9155M Datasheet HTML 16Page - Dialog Semiconductor DA9155M Datasheet HTML 17Page - Dialog Semiconductor DA9155M Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
DA9155M
2.5 A Companion Charger for rapid charging
8
Typical characteristics
Figure 4: Efficiency VIN = 12 V
Figure 5: Efficiency VIN = 9 V
Figure 6: Efficiency VIN = 5 V
Figure 7: Accuracy VIN = 12 V
Figure 8: Accuracy VIN = 9 V
Figure 9: Accuracy VIN = 5 V
75.0
80.0
85.0
90.0
95.0
100.0
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Charge Current (A)
VBATT=3.6V
VBATT=3.8V
VBATT=4.0V
VBATT=4.2V
VBATT=4.4V
80.0
82.0
84.0
86.0
88.0
90.0
92.0
94.0
96.0
98.0
100.0
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Charge Current (A)
VBATT=3.6V
VBATT=3.8V
VBATT=4V
VBATT=4.2V
VBATT=4.4V
90.0
92.0
94.0
96.0
98.0
100.0
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Charge Current (A)
VBATT=3.6V
VBATT=3.8V
VBATT=4.0V
VBATT=4.2V
VBATT=4.4V
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
0.5
0.75
1
1.25
1.5
1.75
2
2.25
Charge Current (A)
VBATT=3.6V
VBAT=3.8V
VBATT=4V
VBAT=4.4V
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Charge Current (A)
VBATT=3.6V
VBATT=3.8V
VBATT=4V
VBATT=4.2V
VBATT=4.4V
-20.0
-15.0
-10.0
-5.0
0.0
5.0
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Charge Current (A)
VBATT=3.6V
VBATT=3.8V
VBATT=4.0V
Datasheet
v3.05
22-July-2016
CFR0011-120-00 Rev 5
14 of 36
© 2016 Dialog Semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com